Electronic Components Datasheet Search
  English  ▼

X  

K3055 Datasheet(PDF) 2 Page - NEC

Part # K3055
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3055 Datasheet(HTML) 2 Page - NEC

  K3055 Datasheet HTML 1Page - NEC K3055 Datasheet HTML 2Page - NEC K3055 Datasheet HTML 3Page - NEC K3055 Datasheet HTML 4Page - NEC K3055 Datasheet HTML 5Page - NEC K3055 Datasheet HTML 6Page - NEC K3055 Datasheet HTML 7Page - NEC K3055 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D13094EJ1V0DS00
2
2SK3055
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 15 A
24
34
m
Ω
RDS(on)2
VGS = 4.0 V, ID = 15 A
35
50
m
Ω
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.0
1.6
2.0
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 15 A
8.0
20
S
Drain Leakage Current
IDSS
VDS = 60 V, VGS = 0 V
10
µA
Gate to Source Leakage Current
IGSS
VGS = ±20 V, VDS = 0 V
±10
µA
Input Capacitance
Ciss
VDS = 10 V
920
pF
Output Capacitance
Coss
VGS = 0 V
280
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
120
pF
Turn-on Delay Time
td(on)
ID = 15 A
25
ns
Rise Time
tr
VGS(on) = 10 V
300
ns
Turn-off Delay Time
td(off)
VDD = 30 V
70
ns
Fall Time
tf
RG = 10
Ω
120
ns
Total Gate Charge
QG
ID = 30 A
25
nC
Gate to Source Charge
QGS
VDD = 48 V
3.3
nC
Gate to Drain Charge
QGD
VGS(on) = 10 V
7.0
nC
Body Diode Forward Voltage
VF(S-D)
IF = 30 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
If = 30 A, VGS = 0 V
45
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs60
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
→ 0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
RG = 10
Ω
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 µs
Duty Cycle
≤ 1 %
τ
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
0
0
90 %
90 %
90 %
VGS(on)
ID
ton
toff
td(on)
tr
td(off)
tf
10 %10 %



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com