Electronic Components Datasheet Search
  English  ▼

X  

PMC8218HS Datasheet(PDF) 12 Page - Ericsson

Part # PMC8218HS
Description  DC/DC regulator Input 8.3 - 16 V Output 16 A
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC8218HS Datasheet(HTML) 12 Page - Ericsson

Back Button PMC8218HS Datasheet HTML 8Page - Ericsson PMC8218HS Datasheet HTML 9Page - Ericsson PMC8218HS Datasheet HTML 10Page - Ericsson PMC8218HS Datasheet HTML 11Page - Ericsson PMC8218HS Datasheet HTML 12Page - Ericsson PMC8218HS Datasheet HTML 13Page - Ericsson PMC8218HS Datasheet HTML 14Page - Ericsson PMC8218HS Datasheet HTML 15Page - Ericsson PMC8218HS Datasheet HTML 16Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
11
EN/LZT146064R2A© EricssonPowerModules,March2007
PMC8818TSDatasheet
Output Ripple
Transient
Outputvoltageresponsetoloadcurrentstep-change
(4-12-4A)atTref=+25°C,Vin=12V.dI/dt=5A/µs
Toptrace:outputvoltage(ac)(100mV/div.).
Bottomtrace:loadcurrent(dc)(10A/div.)
Timescale:0.1ms/div.
Outputvoltageripple(20mV/div.)atTref=+25°C,
Vin=12V,IO=16Aresistiveload.
Bandwidth=5MHz.
Timescale:2µs/div.
Adjusted to 1. Vout - Typical Characteristics
Generalconditions:Inputfilter4x4.7µF,Outputfilter2x150µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com