Electronic Components Datasheet Search
  English  ▼

X  

PMC8218HS Datasheet(PDF) 13 Page - Ericsson

Part # PMC8218HS
Description  DC/DC regulator Input 8.3 - 16 V Output 16 A
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC8218HS Datasheet(HTML) 13 Page - Ericsson

Back Button PMC8218HS Datasheet HTML 9Page - Ericsson PMC8218HS Datasheet HTML 10Page - Ericsson PMC8218HS Datasheet HTML 11Page - Ericsson PMC8218HS Datasheet HTML 12Page - Ericsson PMC8218HS Datasheet HTML 13Page - Ericsson PMC8218HS Datasheet HTML 14Page - Ericsson PMC8218HS Datasheet HTML 15Page - Ericsson PMC8218HS Datasheet HTML 16Page - Ericsson PMC8218HS Datasheet HTML 17Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
1
EN/LZT146064R2A© EricssonPowerModules,March2007
PMC8818TSDatasheet
Tref=-30...+90°C,VI=8.3...16Vunlessotherwisespecified.Inputfilter4x4.7µF,Outputfilter2x150µF
Typvaluesspecifiedat:Tref=+25°CandVInom.IOmax=16A.Note:+Senseconnectedto+Out.Radj13.05kΩ
Adjusted to 1. Vout - Data
Characteristics
Conditions
Output
Unit
min
typ
max
dVOi
Outputvoltageadjustedsetting Tref=+25°C,VInom,IOmax
-2
+2
%VO
dVO
Outputvoltagetoleranceband
IO=0.01...1.0xIOmax
-3
+3
%VO
dVO
Idlingvoltage
IO=0A
-2
+2
%VO
dVO
Lineregulation
VImin...VImax,IOmax
2
mV
dVO
Loadregulation
IO=0.01...1.0xIOmax
25
mV
ttr
Loadtransient
recoverytime
Loadstep=0.25-0.75-0.25xIOmax,
dI/dt=5A/µs,CO=2x150µF,
VI=12V
40
µs
Vtr
Loadtransientvoltage
±100
mV
Tcoeff
Temperaturecoefficient
Tref=-30...+90°C,IOmax
-0.6
mV/°C
ts
Start-upVIonto0.9xVO
IO=IOmax,VInom
7
ms
tr
Ramp-up,VI...0.9xVO
IO=IOmax,VInom
3
ms
tf
Falltime,VIto0.1xVO
IO=IOmax,VInom
1
ms
tf
Falltime,VIto0.1xVO
IO=0A,VInom
20
s
tRC
RCshut-downtime0.1xVO
IO=IOmax,VInom
1
ms
tRC
RCstart-uptime0.9xVO
IO=IOmax,VInom
7
ms
tRC
RCfalltime,0.1xVO
IO=0A,VInom
20
s
IO
Outputcurrent
0
16
A
POmax
Maxoutputpower
24
W
Ilim
Currentlimitingthreshold
Tref<Trefmax
19
A
VOac
Outputripple
20Hz...5MHz,IOmax
50
mVp-p
η
Efficiency-50%load
IO=0.5xIOmax,VO=1.50V
88.5
%
η
Efficiency-100%load
IO=IOmax,VO=1.50V
84.2
87.6
%
Pd
PowerDissipation
IO=IOmax,VO=1.50V
3.4
4.5
W
Fo
Switchingfrequency
IO=(0...1)xIOmax
260
300
340
kHz
Isense
Remotesensecurrent
10
mA
II
StaticinputcurrentVi=8.3V
IO=IOmax,VO=1.50V
3.4
A
MTBF
Predictedreliability
5
million
hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com