Electronic Components Datasheet Search
  English  ▼

X  

PMC8218HS Datasheet(PDF) 2 Page - Ericsson

Part # PMC8218HS
Description  DC/DC regulator Input 8.3 - 16 V Output 16 A
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC8218HS Datasheet(HTML) 2 Page - Ericsson

  PMC8218HS Datasheet HTML 1Page - Ericsson PMC8218HS Datasheet HTML 2Page - Ericsson PMC8218HS Datasheet HTML 3Page - Ericsson PMC8218HS Datasheet HTML 4Page - Ericsson PMC8218HS Datasheet HTML 5Page - Ericsson PMC8218HS Datasheet HTML 6Page - Ericsson PMC8218HS Datasheet HTML 7Page - Ericsson PMC8218HS Datasheet HTML 8Page - Ericsson PMC8218HS Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image

EN/LZT146064R2A© EricssonPowerModules,March2007
PMC8818TSDatasheet
Pin
Designation
Function
1
RC
RemoteControl
2
+In
InputVoltage
3
Gnd
Ground
4
+Out
OutputVoltage
5
Vadj
OutputVoltageAdjust
6
+S
Remotesensing
Dimensionsinmm[inch]
Tolerances(unlessspecified):
x,xx±0,25[0,01]
Pintruepositionw ithin0,4[0,016]
�
4,83(3x)
[0.190]
7,54
7,87
[0.310]
3,80
Co-planaritymax0,1[0,004]
33,00
[1.299]
2,70(6x)
[0.106]
4,83(3x)
[0.190]
[0.310]
7,87
7,54
[0.297]
Connections
Weight
7g
Mechanical Data
Pins
Material:Copper
Plating:Flashgoldovernickel
Product Program
VI
VO/IOmax
POmax
OrderingNo.
Comment
Output1
8.3-16V
0.75-5.50/16A
80W
PMC8818TS
Released
8.3-16V
1.0V/16A
16W
PMC8118NAS
Onrequest
1.2V/16A
19.2W
PMC8118LAS
Onrequest
1.5V/16A
24W
PMC8218HS
Onrequest
1.8V/10A
28.8W
PMC8218GS
Onrequest
2.5V/10A
40W
PMC8419S
Onrequest
3.3V/16A
52.8W
PMC8510S
Onrequeast
5V/16A
80W
PMC8811S
Onrequest
Option
Suffix
Example
NegativeRemoteControllogic
N
PMC8818TSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com