Electronic Components Datasheet Search
  English  ▼

X  

MB3778P Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB3778P
Description  Switching Regulator Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3778P Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB3778P Datasheet HTML 4Page - fujitsu semiconductor MB3778P Datasheet HTML 5Page - fujitsu semiconductor MB3778P Datasheet HTML 6Page - fujitsu semiconductor MB3778P Datasheet HTML 7Page - fujitsu semiconductor MB3778P Datasheet HTML 8Page - fujitsu semiconductor MB3778P Datasheet HTML 9Page - fujitsu semiconductor MB3778P Datasheet HTML 10Page - fujitsu semiconductor MB3778P Datasheet HTML 11Page - fujitsu semiconductor MB3778P Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MB3778
8
s
s
s
s ELECTRICAL CHARACTERISTICS (Continued)
(Ta
= 25 °C, VCC = 6 V)
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Error Amp. Block
Input Offset Voltage
VIO
VO
= 1.6 V
−6
6mV
Input Offset Current
IIO
VO
= 1.6 V
−100
100
nA
Input Bias Current
IB
VO
= 1.6 V
−500
−100
nA
Common Mode Input Voltage
Range
VICR
VCC
= 3.6 V to 18 V
1.05
1.45
V
Voltage Gain
AV
RNF
= 200 kΩ
70
80
dB
Frequency Band Width
BW
AV
= 0 dB
1.0
MHz
Common Mode Rejection Ratio
CMRR
60
80
dB
Max. Output Voltage Width
VOM+
VREF
− 0.3

V
VOM−

0.7
0.9
V
Output Sink Current
IOM+
VO
= 1.6
1.0
mA
Output Source Current
IOM−
VO
= 1.6
−60
µA
PWM Comparator Block
Input Threshold Voltage
(fOSC
= 10 kHz)
Vt100
Duty Cycle
= 100%
1.9
2.25
V
Vt0
Duty Cycle
= 0%
1.05
1.3
V
On duty Cycle
Dtr
Vdt
= VREF/1.45
55
65
75
%
Input Sink Current
IIN+
Pin 5, Pin 12
= 1.6 V
1.0
mA
Input Source Current
IIN−
Pin 5, Pin 12
= 1.6 V
−60
µA
Control Block
Input Off Condition
VOFF

0.7
V
Input On Condition
VON
2.1

V
Control Terminal Current
ICTL
VCTL
= 10 V
200
400
µA
Output Block
Output Leak Current
Leak
VO
= 18 V

10
µA
Output Saturation Voltage
VSAT
IO
= 50 mA
1.1
1.4
V
All Device Block
Stand-by Current
ICCS
VCTL
= 0 V

10
µA
Average Supply Current
ICCa
VCTL
= VCC, No Output
Load
1.7
2.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com