Electronic Components Datasheet Search
  English  ▼

X  

MB3778P Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB3778P
Description  Switching Regulator Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3778P Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB3778P Datasheet HTML 9Page - fujitsu semiconductor MB3778P Datasheet HTML 10Page - fujitsu semiconductor MB3778P Datasheet HTML 11Page - fujitsu semiconductor MB3778P Datasheet HTML 12Page - fujitsu semiconductor MB3778P Datasheet HTML 13Page - fujitsu semiconductor MB3778P Datasheet HTML 14Page - fujitsu semiconductor MB3778P Datasheet HTML 15Page - fujitsu semiconductor MB3778P Datasheet HTML 16Page - fujitsu semiconductor MB3778P Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MB3778
13
s
s
s
s HOW TO SET THE OUTPUT VOLTAGE
The output voltage is set using the connections shown in “Connection of error Amp. Output Voltage V0
≥ 0” and
“Connection of Error Amp. Output Voltage V0 < 0”.
The error amplifier power is supplied by the reference voltage circuit as is that of the other internal circuits. The
common mode input voltage range is from 1.05 V to 1.45 V.
Set 1.23 V (VREF/2) as the reference input voltage that is connected to either inverting or non-inverting input
terminals.
• Connection of Error Amp. Output Voltage V0
≥ 0
• Connection of Error Amp. Output Voltage V0 < 0
RR2
R
R1
RNF
VREF
VO
VO
VREF
2
× R2
(R1
+ R2)
+
=
−
+
+
PIN 5 or PIN 12
RR2
RR1
RNF
VREF
VO
VREF
2
× R1
(R1
+ R2) + VREF
+
= −
VO
−
−
−
PIN 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com