Electronic Components Datasheet Search
  English  ▼

X  

MB3778P Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3778P
Description  Switching Regulator Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3778P Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3778P Datasheet HTML 17Page - fujitsu semiconductor MB3778P Datasheet HTML 18Page - fujitsu semiconductor MB3778P Datasheet HTML 19Page - fujitsu semiconductor MB3778P Datasheet HTML 20Page - fujitsu semiconductor MB3778P Datasheet HTML 21Page - fujitsu semiconductor MB3778P Datasheet HTML 22Page - fujitsu semiconductor MB3778P Datasheet HTML 23Page - fujitsu semiconductor MB3778P Datasheet HTML 24Page - fujitsu semiconductor MB3778P Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MB3778
21
(Continued)
40
20
0
−20
−40
10
100
1 k
10 k
100 k
1 M
−180
−90
0
90
180
AV
φ
Frequency f (Hz)
CNF
= OPEN
Frequency f (Hz)
40
20
0
−20
−40
10
100
1 k
10 k
100 k
1 M
−180
−90
0
90
180
CNF
= 0.047 µF
AV
φ
Frequency f (Hz)
40
20
0
−20
−40
10
100
1 k
10 k
100 k
1 M
−180
−90
0
90
180
CNF
= 470 pF
AV
φ
Frequency f (Hz)
40
20
0
−20
−40
10
100
1 k
10 k
100 k
1 M
−180
−90
0
90
180
CNF
= 4700 pF
AV
φ
Error Amp.
−
+
+
−
10
µF
CNF
240 k
Ω
VREF
VREF
IN
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
OUT
Frequency vs. Gain/Phase
Frequency vs. Gain/Phase
(Actual Data)
Frequency vs. Gain/Phase
(Actual Data)
Frequency vs. Gain/Phase
(Actual Data)
Actual Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com