Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 21Page - Texas Instruments LM3263 Datasheet HTML 22Page - Texas Instruments LM3263 Datasheet HTML 23Page - Texas Instruments LM3263 Datasheet HTML 24Page - Texas Instruments LM3263 Datasheet HTML 25Page - Texas Instruments LM3263 Datasheet HTML 26Page - Texas Instruments LM3263 Datasheet HTML 27Page - Texas Instruments LM3263 Datasheet HTML 28Page - Texas Instruments LM3263 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
LM3263
www.ti.com
SNVS837 – JUNE 2013
PCB LAYOUT CONSIDERATIONS
1. Overview
PC board layout is critical to successfully designing a DC-DC converter into a product. A properly planned board
layout optimizes the performance of a DC-DC converter and minimizes effects on surrounding circuitry while also
addressing manufacturing issues that can have adverse impacts on board quality and final product yield.
2. PCB
Poor board layout can disrupt the performance of a DC-DC converter and surrounding circuitry by contributing to
EMI, ground bounce, and resistive voltage loss in the traces. Erroneous signals could be sent to the DC-DC
converter IC, resulting in poor regulation or instability. Poor layout can also result in re-flow problems leading to
poor solder joints between the DSBGA package and board pads. Poor solder joints can result in erratic or
degraded performance of the converter.
Energy Efficiency
Minimize resistive losses by using wide traces between the power components and doubling up traces on
multiple layers when possible.
EMI
By its very nature, any switching converter generates electrical noise. The circuit board designer’s challenge is to
minimize, contain, or attenuate such switcher-generated noise. A high-frequency switching converter, such as the
LM3263, switches Ampere level currents within nanoseconds, and the traces interconnecting the associated
components can act as radiating antennas. The following guidelines are offered to help to ensure that EMI is
maintained within tolerable levels.
To help minimize radiated noise:
•
Place the LM3263 DC-DC converter, its input capacitor, and output filter inductor and capacitor close
together, and make the interconnecting traces as short as possible.
•
Arrange the components so that the switching current loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor, through the internal PFET of the LM3263 and the
inductor, to the output filter capacitor, then back through ground, forming a current loop. In the second half of
each cycle, current is pulled up from ground, through the internal synchronous NFET of the LM3263 by the
inductor, to the output filter capacitor and then back through ground, forming a second current loop. Routing
these loops so the current curls in the same direction prevents magnetic field reversal between the two half-
cycles and reduces radiated noise.
•
Make the current loop area(s) as small as possible. Interleave doubled traces with ground planes or return
paths, where possible, to further minimize trace inductances.
•
The Active Current Assist and Bypass (ACB) trace should be kept short and routed directly from ACB pads to
the VOUT pad at the inductor.
To help minimize conducted noise in the ground-plane:
•
Reduce the amount of switching current that circulates through the ground plane: Connect PGND bump of the
LM3263 and its input filter capacitor together using generous component-side copper fill as a pseudo-ground
plane. Then connect this copper fill to the system ground-plane (if one is used) by multiple vias located at the
input filter capacitor ground terminal. The multiple vias help to minimize ground bounce at the LM3263 by
giving it a low-impedance ground connection. Do not route the PGND pad directly to the RF ground plane.
•
An additional high frequency capacitor in 01005 (0402 mm) case size is also recommended between PVIN
and the RF ground plane. Do not connect to PGND directly.
•
For optimum RF performance connect the output capacitor ground to the RF ground or System ground plane.
Do not connect to PGND directly.
To help minimize coupling to the DC-DC converter's own voltage feedback trace:
•
Route noise sensitive traces, such as the voltage feedback path (FB), as directly as possible from the DC-DC
converter FB pad to the VOUT pad of the output capacitor, but keep it away from noisy traces between the
power components.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com