Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 12Page - Texas Instruments LM3263 Datasheet HTML 13Page - Texas Instruments LM3263 Datasheet HTML 14Page - Texas Instruments LM3263 Datasheet HTML 15Page - Texas Instruments LM3263 Datasheet HTML 16Page - Texas Instruments LM3263 Datasheet HTML 17Page - Texas Instruments LM3263 Datasheet HTML 18Page - Texas Instruments LM3263 Datasheet HTML 19Page - Texas Instruments LM3263 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
t0
t3
t2
t1
VSET is programmed and takes effect
immediately. LM3263 initializes and
powers up internal circuit blocks.
Transmit Slot Boundary. DC-DC
output settled (95%).
VBATT applied, VIO = 0V.
LM3263 in Shutdown.
t4
VIO
RFFE write
SMPS_CFG= auto PFM
(Reg 01h = 20h)
SDATA
VOUT
3.4V
0V
t0
t4
t3
t2
t1
VIO applied.150 ns later LM3263 is in
Low Power and RFFE configuration
writes may occur. Trigger Mask Bits
are set.
DC-DC is active in normal mode.
VBATT
5 Ps (min)
25 Ps max
50 Ps max
RFFE write
VSET = DC-DC VOUT
(Reg 03h = E3h)
APT
Active
Shutdown
Low Power
Initialization
SW
RFFE write
PM_TRIG
(Reg 1Ch = 38h)
LM3263
SNVS837 – JUNE 2013
www.ti.com
Thermal Overload Protection
The LM3263 IC has a thermal overload protection that protects itself from short-term misuse and overload
conditions. If the junction temperature exceeds 150°C, the LM3263 shuts down. Normal operation resumes after
the temperature drops below 125°C. Prolonged operation in thermal overload condition may damage the device
and is therefore not recommended.
Startup
The
waveform
in
Figure
21
shows
the
startup
sequence
and
sample
condition.
First,
VBATT
(=PVIN=SVDD=PACB) should take on a value between 2.7V and 5.5V. After VBATT is ensured to be beyond
2.7V, VIO can be set 1.8V. Next, setting PM_TRIG [7:6] to 38h will enable Active mode. Finally, VSET can be
programmed to a value that corresponds to the desired output voltage. The LM3263 output voltage will then go
to the programmed VSET value. To optimize the startup time and behavior of the output voltage, the LM3263 will
start up in PWM mode even when the operating mode selected is Auto-PFM mode (SMPS_CFG [5] set to 1b) if
the output load current is
≤ 60 mA (min.), the LM3263 will then seamlessly transition into PFM mode.
Figure 21. Non-Triggered Startup Sequence
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com