Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 1 Page - Texas Instruments

  LM3263 Datasheet HTML 1Page - Texas Instruments LM3263 Datasheet HTML 2Page - Texas Instruments LM3263 Datasheet HTML 3Page - Texas Instruments LM3263 Datasheet HTML 4Page - Texas Instruments LM3263 Datasheet HTML 5Page - Texas Instruments LM3263 Datasheet HTML 6Page - Texas Instruments LM3263 Datasheet HTML 7Page - Texas Instruments LM3263 Datasheet HTML 8Page - Texas Instruments LM3263 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM3263
www.ti.com
SNVS837 – JUNE 2013
LM3263 High-Current Step-Down DC-DC Converter with MIPI® RF Front-End
Control Interface for RF Power Amplifiers
Check for Samples: LM3263
1
FEATURES
DESCRIPTION
The LM3263 is a DC-DC converter optimized for
23
•
MIPI® RFFE Digital Control Interface
powering multi-mode multi-band RF power amplifiers
•
High-Efficiency PFM and PWM Modes with
(PAs) from a single Lithium-Ion cell. The LM3263
Internal Seamless Transition
steps down an input voltage from 2.7V to 5.5V to a
•
Operates from a Single Li-Ion Cell: 2.7V to 5.5V
dynamically adjustable output voltage of 0.4V to 3.6V.
The output voltage is externally programmed through
•
Dynamically Adjustable Output Voltage: 0.4V
the RFFE Digital Control Interface and is set to
to 3.6V (typ.) in PFM and PWM Modes
ensure efficient operation at all power levels of the
•
2.5A Maximum Load Current in PWM Mode
RF PA.
•
2.7 MHz (typ.) Switching Frequency
The LM3263 operates in modulated frequency PWM
•
ACB (reduces inductor requirements and size)
mode producing a small and predictable amount of
output voltage ripple. PWM mode enables best
•
Internal Compensation
meeting power requirements and stringent spectral
•
Current and Thermal Overload Protection
compliance, with the minimal amount of filtering and
•
16-bump DSBGA Package
excess headroom. When operating in PFM mode, the
•
Very small Solution Size: approx. 9.8 mm2
LM3263 enables the lowest current consumption
across PA output power level settings and therefore
maximizes system efficiency.
APPLICATIONS
The LM3263 has a unique Active Current assist and
•
Smartphones
analog Bypass (ACB) feature to minimize inductor
•
RF PC Cards
size without any loss of output regulation for the
•
Tablets, eBook Readers
entire battery voltage and RF output power range,
until dropout. ACB provides a parallel current path,
•
Handheld Radios
when needed, to limit the maximum inductor current
•
Battery-Powered RF Devices
to 1.45A (typ) while still driving a 2.5A load. The
analog bypass feature also enables operation with
minimal dropout voltage.
The LM3263 is available in a small 2 mm x 2 mm
chip-scale 16-bump DSBGA package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MIPI is a registered trademark of Mobile Industry Processor Interface Alliance.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3263

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3263 TI-LM3263 Datasheet
2Mb / 39P
LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263 TI1-LM3263 Datasheet
2Mb / 40P
LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
LM3263TME/NOPB TI-LM3263TME/NOPB Datasheet
2Mb / 39P
LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263TME/NOPB TI1-LM3263TME/NOPB Datasheet
2Mb / 40P
LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
LM3263TMX/NOPB TI-LM3263TMX/NOPB Datasheet
2Mb / 39P
LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
More results

Similar Description - LM3263

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3263 TI-LM3263 Datasheet
2Mb / 39P
LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3263 TI1-LM3263 Datasheet
2Mb / 40P
LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com