Electronic Components Datasheet Search
  English  ▼

X  

MB40528 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB40528
Description  1 Channel 8-bit A/D Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40528 Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB40528 Datasheet HTML 1Page - fujitsu semiconductor MB40528 Datasheet HTML 2Page - fujitsu semiconductor MB40528 Datasheet HTML 3Page - fujitsu semiconductor MB40528 Datasheet HTML 4Page - fujitsu semiconductor MB40528 Datasheet HTML 5Page - fujitsu semiconductor MB40528 Datasheet HTML 6Page - fujitsu semiconductor MB40528 Datasheet HTML 7Page - fujitsu semiconductor MB40528 Datasheet HTML 8Page - fujitsu semiconductor MB40528 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
MB40528
s
ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating conditionranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
(GND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Min.
Max.
Supply Voltage
VCC
–-0.5
+7.0
V
Analog Input Voltage
VINA
–-0.5
VCC +0.5
V
Digital Input Voltage
VIND
–-0.5
+7.0
V
Storage Temperature
Tstg
–
-55
+125
°C
(GND = 0 V
)
Parameter
Symbol
Condition
Value
Unit
Min.
Typ.
Max.
Supply Voltage
VCC
–
4.755.005.25
V
Analog Input Voltage
VINA
–VRB
–VCC
V
Digital “H” Level Input Voltage
VIHD
–2.0
–
–
V
Digital “L” Level Input Voltage
VILD
––
–
0.8
V
Digital “H” Level Output Current
IOH
–-400
–
–
µA
Digital “L” Level Output Current
IOL
––
–
1.6
mA
Clock Frequency
fCLK
––
–
60
MHz
Minimum Clock “H” Level Pulse Width
twH
–7.0
–
–
ns
Minimum Clock “L” Level Pulse Width
twL
–8.0
–
–
ns
Operating Ambient Temperature
Ta
–-20
–
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com