Electronic Components Datasheet Search
  English  ▼

X  

MB40528 Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB40528
Description  1 Channel 8-bit A/D Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40528 Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB40528 Datasheet HTML 5Page - fujitsu semiconductor MB40528 Datasheet HTML 6Page - fujitsu semiconductor MB40528 Datasheet HTML 7Page - fujitsu semiconductor MB40528 Datasheet HTML 8Page - fujitsu semiconductor MB40528 Datasheet HTML 9Page - fujitsu semiconductor MB40528 Datasheet HTML 10Page - fujitsu semiconductor MB40528 Datasheet HTML 11Page - fujitsu semiconductor MB40528 Datasheet HTML 12Page - fujitsu semiconductor MB40528 Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
MB40528
Figure 4. Digital Input Equivalent Circuit
Figure 5. Output Buffer Load Circuit
GND
VCC
50k
Ω
6.5k
Ω
50k
Ω
3.2k
Ω
3.2k
Ω
Clock Input
VREF = 1.4V
To Test Pin
Test Point
Note : CL includes the parasitic capacitance of JIG.
CL
GND
CL = 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com