Electronic Components Datasheet Search
  English  ▼

X  

MB40528 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB40528
Description  1 Channel 8-bit A/D Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40528 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB40528 Datasheet HTML 1Page - fujitsu semiconductor MB40528 Datasheet HTML 2Page - fujitsu semiconductor MB40528 Datasheet HTML 3Page - fujitsu semiconductor MB40528 Datasheet HTML 4Page - fujitsu semiconductor MB40528 Datasheet HTML 5Page - fujitsu semiconductor MB40528 Datasheet HTML 6Page - fujitsu semiconductor MB40528 Datasheet HTML 7Page - fujitsu semiconductor MB40528 Datasheet HTML 8Page - fujitsu semiconductor MB40528 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
DS04-28206-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
1 Channel 8-bit A/D
Converter
MB40528
s
DESCRIPTION
The MB40528 is a full parallel comparison (flash) type 8-bit resolution analog-to-digital converter, designed for
various video and image processing applications.
The MB40528 has 8-bit resolution 1 channel A/D converter. Input analog data are converted into digital data by
the A/D converter in minimum 60 Mega samples per seconds (MSPS).
The analog data is provided in a range of DC +3V to +5V (2Vp-p level) and the output digital data in TTL level.
The MB40528 is fabricated by the Fujitsu’s advanced bipolar process and housed in a 20-pin plastic DIP/SOP.
The MB40528 is suitable for various video and image applications.
s
FEATURES
• Conversion method : Full parallel comparison type
• 8-bit x 1 channel A/D converter
• Max. 60 MHz input clock frequency providing 60 MSPS data conversion rate
• Linearity error : Typical +/-0.15%
• Analog input voltage range : 3V to 5V (2Vp-p level)
• Digital input/output voltage level : TTL level
• On-chip reference voltage generator
• Low power consumption : Typical 400mW
• Single +5V power supply
• Operating temperature range : -20°C to +70°C
• Fujitsu’s advanced bipolar process
s
PACKAGES
20-pin Plastic DIP
20-pin Plastic SOP
(DIP-20P-M01)
(FPT-20P-M05)


Similar Part No. - MB40528

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB4051 FUJITSU-MB4051 Datasheet
750Kb / 23P
8 CH 10 BIT A/D CONVERTER
MB4053 FUJITSU-MB4053 Datasheet
135Kb / 17P
6-Channel 8-BIT A/D Converter
MB4053M FUJITSU-MB4053M Datasheet
135Kb / 17P
6-Channel 8-BIT A/D Converter
MB4053PF FUJITSU-MB4053PF Datasheet
135Kb / 17P
6-Channel 8-BIT A/D Converter
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results

Similar Description - MB40528

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
3-channel, 8-bit D / A converter
logo
fujitsu semiconductor
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB4072 FUJITSU-MB4072 Datasheet
89Kb / 8P
1 CHANNEL 8-BIT D/A CONVERTER
MB40C368 FUJITSU-MB40C368 Datasheet
122Kb / 10P
A/D Converter (1-channel, 8-bit, 18MHz)
MB40C558 FUJITSU-MB40C558 Datasheet
148Kb / 12P
A/D Converter (1-channel, 8-bit, 45MHz)
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
MB40C568H FUJITSU-MB40C568H Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 30MHz)
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
fujitsu semiconductor
MB40778 FUJITSU-MB40778 Datasheet
266Kb / 9P
1 Channel 8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com