Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2744 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2744 Datasheet HTML 17Page - Texas Instruments LM2744 Datasheet HTML 18Page - Texas Instruments LM2744 Datasheet HTML 19Page - Texas Instruments LM2744 Datasheet HTML 20Page - Texas Instruments LM2744 Datasheet HTML 21Page - Texas Instruments LM2744 Datasheet HTML 22Page - Texas Instruments LM2744 Datasheet HTML 23Page - Texas Instruments LM2744 Datasheet HTML 24Page - Texas Instruments LM2744 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
12
24
36
48
60
GEA x OPG
HEA =
1 + GEA + OPG
2S x 9 MHz
OPG =
s
GEA = AEA x
s
2SfZ1
+ 1
s
2SfZ2
+ 1
s
2SfP1
+ 1
s
2SfP2
+ 1
s
LM2744
www.ti.com
SNVS292E – SEPTEMBER 2004 – REVISED JANUARY 2012
For this example, a Type III, or three-pole-two-zero approach gives optimal bandwidth and phase.
In most voltage mode compensation schemes, including Type III, a single pole is placed at the origin to boost DC
gain as high as possible. Two zeroes fZ1 and fZ2 are placed at the double pole frequency to cancel the double
pole phase lag. Then, a pole, fP1 is placed at the frequency of the ESR zero. A final pole fP2 is placed at one-half
of the switching frequency. The gain of the error amplifier transfer function is selected to give the best bandwidth
possible without violating the Nyquist stability criteria. In practice, a good crossover point is one-fifth of the
switching frequency, or 60kHz for this example. The generic equation for the error amplifier transfer function is:
(26)
In this equation the variable AEA is a ratio of the values of the capacitance and resistance of the compensation
components, arranged as shown inFigure 14. AEA is selected to provide the desired bandwidth. A starting value
of 80,000 for AEA should give a conservative bandwidth. Increasing the value will increase the bandwidth, but will
also decrease phase margin. Designs with 45-60° are usually best because they represent a good tradeoff
between bandwidth and phase margin. In general, phase margin is lowest and gain highest (worst-case) for
maximum input voltage and minimum output current. One method to select AEA is to use an iterative process
beginning with these worst-case conditions.
1. Increase AEA
2. Check overall bandwidth and phase margin
3. Change VIN to minimum and recheck overall bandwidth and phase margin
4. Change IO to maximum and recheck overall bandwidth and phase margin
The process ends when the both bandwidth and the phase margin are sufficiently high. For this example input
voltage can vary from 3.0 to 3.6V and output current can vary from 0 to 4A, and after a few iterations a moderate
gain factor of 110,000 is used.
The error amplifier of the LM2744 has a unity-gain bandwidth of 9MHz. In order to model the effect of this
limitation, the open-loop gain can be calculated as:
(27)
The new error amplifier transfer function that takes into account unity-gain bandwidth is:
(28)
The gain and phase of the error amplifier are shown in Figure 15.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com