Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2744 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2744 Datasheet HTML 7Page - Texas Instruments LM2744 Datasheet HTML 8Page - Texas Instruments LM2744 Datasheet HTML 9Page - Texas Instruments LM2744 Datasheet HTML 10Page - Texas Instruments LM2744 Datasheet HTML 11Page - Texas Instruments LM2744 Datasheet HTML 12Page - Texas Instruments LM2744 Datasheet HTML 13Page - Texas Instruments LM2744 Datasheet HTML 14Page - Texas Instruments LM2744 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
5V
1.8V
1.8V
VOUT1
VOUT2
VOUT2 = VOUT1
RT1
RT1 + RT2
5V
1.8V
VOUT1
VOUT2
LM2744
www.ti.com
SNVS292E – SEPTEMBER 2004 – REVISED JANUARY 2012
Figure 4. Tracking with Equal Soft-Start Time
TRACKING A VOLTAGE SLEW RATE
The tracking feature can alternatively be used not to make both rails reach regulation at the same time but rather
to have similar rise rates (in terms of output dV/dt). This method ensures that the output voltage of the LM2744
always reaches regulation before the output voltage of the master supply. In this case, the tracking resistors can
be determined based on the following equation:
(5)
For the example case of VOUT1 = 5V and VOUT2 = 1.8V, with RT1 set to 150Ω as before, RT2 is calculated from the
above equation to be 267
Ω. A timing diagram for the case of equal slew rates is shown in Figure 5.
Figure 5. Tracking with Equal Slew Rates
SEQUENCING
The start up/soft-start of the LM2744 can be delayed for the purpose of sequencing by connecting a resistor
divider from the output of a master power supply to the SD pin, as shown in Figure 6.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com