Electronic Components Datasheet Search
  English  ▼

X  

LM2744 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2744 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2744 Datasheet HTML 9Page - Texas Instruments LM2744 Datasheet HTML 10Page - Texas Instruments LM2744 Datasheet HTML 11Page - Texas Instruments LM2744 Datasheet HTML 12Page - Texas Instruments LM2744 Datasheet HTML 13Page - Texas Instruments LM2744 Datasheet HTML 14Page - Texas Instruments LM2744 Datasheet HTML 15Page - Texas Instruments LM2744 Datasheet HTML 16Page - Texas Instruments LM2744 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
8 PA
17 PA
Bias Enable
Soft-Start Enable
1.25V
10k
SD
+
-
LM2744
www.ti.com
SNVS292E – SEPTEMBER 2004 – REVISED JANUARY 2012
SD PIN IMPEDANCE
When connecting a resistor divider to the SD pin of the LM2744 some care has to be taken. Once the SD voltage
goes above VSD-IH, a 17 µA pull-up current is activated as shown in Figure 8. This current is used to create the
internal hysteresis (
≊170mV); however, high external impedances will affect the SD pin logic thresholds as well.
The external impedance used for the sequencing divider network should preferably be a small fraction of the
impedance of the SD pin for good performance (around 1k
Ω).
Figure 8. SD Pin Logic
MOSFET GATE DRIVERS
The LM2744 has two gate drivers designed for driving N-channel MOSFETs in a synchronous mode. Note that
unlike most other synchronous controllers, the bootstrap capacitor of the LM2744 provides power not only to the
driver of the upper MOSFET, but the lower MOSFET driver too (both drivers are ground referenced, i.e. no
floating driver). To fully turn the top MOSFET on, the BOOT voltage must be at least one gate threshold greater
than VIN when the high-side drive goes high. This bootstrap voltage is usually supplied from a local charge pump
structure. But looking at the Typical Application schematic, this also means that the difference voltage VCC - VD1,
which is the voltage the bootstrap capacitor charges up to, must be always greater than the maximum tolerance
limit of the threshold voltage of the upper MOSFET. Here VD1 is the forward voltage drop across the bootstrap
diode D1. This therefore may place restrictions on the minimum input voltage and/or type of MOSFET used.
The most basic charge bootstrap pump circuit can be built using one Schottky diode and a small capacitor, as
shown in Figure 9. The capacitor CBOOT serves to maintain enough voltage between the top MOSFET gate and
source to control the device even when the top MOSFET is on and its source has risen up to the input voltage
level. The charge pump circuitry is fed from VCC, which can operate over a range from 3.0V to 6.0V. Using this
basic method the voltage applied to the gates of both high-side and low-side MOSFETs is VCC - VD. This method
works well when VCC is 5V±10%, because the gate drives will get at least 4.0V of drive voltage during the worst
case of VCC-MIN = 4.5V and VD-MAX = 0.5V. Logic level MOSFETs generally specify their on-resistance at VGS =
4.5V. When VCC = 3.3V±10%, the gate drive at worst case could go as low as 2.5V. Logic level MOSFETs are
not guaranteed to turn on, or may have much higher on-resistance at 2.5V. Sub-logic level MOSFETs, usually
specified at VGS = 2.5V, will work, but are more expensive, and tend to have higher on-resistance. The circuit in
Figure 9 works well for input voltages ranging from 1V up to 16V and VCC = 5V ±10%, because the drive voltage
depends only on VCC.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com