Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS213 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 2Page - Texas Instruments HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments HD3SS213 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD3SS213
SLAS901A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Typical values for all parameters are at VCC = 3.3 V and TA = 25°C. All temperature limits are specified by design.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNITS
VDD
Supply voltage
3.0
3.3
3.6
V
Control pins, Signal pins (Dx_SEL, AUX_SEL,
VIH
Input high voltage
2.0
VDD
V
OE, HPDx)
VDD/2
VDD/2
VIM
Input mid level voltage
AUX_SEL pin
- 300
VDD/2
+ 300
V
mV
mV
Control pins, Signal pins (Dx_SEL, AUX_SEL,
VIL
Input low voltage
-0.1
0.8
V
OE, HPDx)
VI/O_Diff
Differential voltage (Dx, AUXx)
Switch I/O diff voltage
0
1.8
Vpp
Dx switching I/O common mode
0
2.0
voltage
VI/O_CM
Switch I/O common mode voltage
V
AUXx switching I/O common mode
0
3.6
voltage
Operating free-air temperature
–40
105
°C
Input high current (Dx_SEL,
IIH
VDD = 3.6 V, VIN = VDD
1
µA
AUX_SEL)
IIM
Input mid level current (AUX_SEL)
VDD = 3.6V, VIN = VDD/2
1
µA
Input low current (Dx_SEL,
IIL
VDD = 3.6 V, VIN = GND
1
µA
AUX_SEL)
Leakage current (Dx_SEL,
VDD = 3.3 V, VI = 2 V, OE = 3.3 V
1
AUX_SEL)
VDD = 3.3 V, VI = 2 V, OE = 3.3V; Dx_SEL =
ILK
1
µA
3.3 V
Leakage current (HPDx)
VDD = 3.3 V, VI = 2 V, OE = 3.3V; Dx_SEL =
1
GND
Ioff
Device shut down current
VDD = 3.6 V, OE = GND
2.5
IDD
Supply current
VDD = 3.6 V, Dx_SEL/AUX_SEL = VDD/GND
0.6
1
mA
DA, DB, DC HIGH SPEED SIGNAL PATH
CON
Outputs ON capacitance
VI = 0 V, Outputs Open, Switch ON
1.5
pF
COFF
Outputs OFF capacitance
VI = 0 V, Outputs Open, Switch OFF
1
pF
RON
ON resistance
VDD = 3.3 V, VCM = 0.5 V–1.5 V, IO = –40 mA
8
12
Ω
On resistance match between pairs
ΔRON
VDD = 3.3 V, 0.5 V ≤ VI ≤ 1.2V, IO = –40mA
1.5
Ω
of the same channel
On resistance flatness, RON(max) –
RFLAT_ON
VDD = 3.3 V, 0.5 V ≤ VI ≤ 1.2 V
1.3
Ω
RON(min)
AUXx, DDC SIGNAL PATH
CON
Outputs ON capacitance
VI = 0 V, Outputs Open, Switch ON
9
pF
COFF
Outputs OFF capacitance
VI = 0 V, Outputs Open, Switch OFF
3
pF
RON(AUX)
ON resistance
VDD = 3.3 V, VCM = 0V – VDD, IO = –8 mA
6
10
Ω
RON(DDC)
ON resistance on DDC channel(1)
VDD = 3.3V, VCM = 0.4V, IO = -3mA
20
30
Ω
(1)
For Display port applications, check the connection diagram in Figure 4 and Figure 5.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com