Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS213 Datasheet(HTML) 8 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments HD3SS213 Datasheet HTML 10Page - Texas Instruments HD3SS213 Datasheet HTML 11Page - Texas Instruments HD3SS213 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Dx_SEL
VOUT
90%
10%
50%
Ton
Toff
HD3SS213 1:2
Sink connector A
Sink connector B
AUXa(n)
AUXa(p)
AUXc(n)
AUXc(p)
Source
AUXb(n)
AUXb(p)
Control
AUX_SEL
Dx_SEL
OE
100K
100K
Vdd
100K
100K
Vdd
HD3SS213
SLAS901A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
Figure 5. HD3SS213 AUX Channel in 1:2 Application
TEST TIMING DIAGRAMS
Figure 6. Select to Switch Ton and Toff
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com