Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS213 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments HD3SS213 Datasheet HTML 10Page - Texas Instruments HD3SS213 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HD3SS213 2:1
Source A
Source B
AUXa(n)
AUXa(p)
AUXc(n)
AUXc(p)
Sink
connector
AUXb(n)
AUXb(p)
Control
AUX_SEL
Dx_SEL
OE
100K
100K
Vdd
503
503
503
503
Vbias
Vbias
Vbias
Vbias
HD3SS213
www.ti.com
SLAS901A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS – DEVICE PARAMETERS
(1)
under recommended operating conditions; RL, RSC = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tPD
Switch propagation delay
RSC and RL = 50 Ω, See Figure 7
100
ps
Dx_SEL/AUX_SEL/-to-Switch Ton (Data, AUX and
Ton
0.7
1
µs
DDC)
RSC and RL = 50 Ω, See Figure 6
Dx_SEL/AUX_SEL/-to-Switch Toff (Data, AUX and
Toff
0.7
1
DDC)
Ton
Dx_SEL/AUX_SEL-to-Switch Ton (HPD)
0.7
1
µs
RL = 50Ω, See Figure 6
Toff
Dx_SEL/AUX_SEL-to-Switch Toff (HPD)
0.7
1
TSK(O)
Inter-Pair Output Skew (CH-CH)
50
ps
RSC and RL = 1 kΩ, See Figure 7
TSK(b-b)
Intra-pair output skew (bit-bit)
1
5
ps
1.35 GHz
–17
RL
Dx Differential return loss
dB
2.7 GHz
–13
XTALK
Dx Differential crosstalk
–50
dB
2.7 GHz
OIRR
Dx Differential off-isolation
–25
dB
f = 1.35 GHz
–1
IL
Dx Differential insertion loss
dB
f = 2.7 GHz
–1.5
AUX –3dB bandwidth
360
MHz
(1)
For Return Loss, Crosstalk, Off-Isolation, and Insertion Loss values the data was collected on a Rogers material board with minimum
length traces on the input and output of the device under test.
AUX CONNECTION DIAGRAMS
Figure 4. HD3SS213 AUX Channel in 2:1 Application
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com