Electronic Components Datasheet Search
  English  ▼

X  

STOD13ATPUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STOD13ATPUR
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STOD13ATPUR Datasheet HTML 5Page - STMicroelectronics STOD13ATPUR Datasheet HTML 6Page - STMicroelectronics STOD13ATPUR Datasheet HTML 7Page - STMicroelectronics STOD13ATPUR Datasheet HTML 8Page - STMicroelectronics STOD13ATPUR Datasheet HTML 9Page - STMicroelectronics STOD13ATPUR Datasheet HTML 10Page - STMicroelectronics STOD13ATPUR Datasheet HTML 11Page - STMicroelectronics STOD13ATPUR Datasheet HTML 12Page - STMicroelectronics STOD13ATPUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STOD13A
Electrical characteristics
Doc ID 022599 Rev 1
9/24
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔV
MID T
Load transient response
IMID=3 to 30mA and IMID=30 to
3mA, TR=TF=150µs
±20
mV
IMID=10 to 100mA and IMID=100
to 10mA, TR=TF=150µs
±25
mV
TDMA Noise
Undershoot/overshoot
IMID=10 to 100mA; IO2 no load
(1)
±20
mV
Static variation between low
and high VIN level
4
IMID MAX
Maximum output current
VINA,P=2.9V to 4.5V
250
mA
I-L1MAX
Step-up inductor peak current VMID 10% below nominal value
1.08
1.32
A
RDSONP1
P-channel static drain-source
ON resistance
VINA=VINP=3.7V, ISW-P1=100mA
1.0
2.0
Ω
RDSONN1
N-channel static drain-source
ON resistance
VINA=VINP=3.7V, ISW-N1=100mA
0.4
1.0
Ω
Inverting converter section
VO2
Negative output voltage range
41 different values set by the
SWIRE pin (see Section 6.1.2)
-6.4
-2.4
V
Negative output voltage
-4.9
V
Negative output voltage total
variation
VINA=VINP=2.9V to 4.5V;
IO2=5mA to 250mA, IMID no load
TJ=-40°C to +85°C
-1.7
1.7
%
ΔV
O2 LT
Line transient
VINA,P=3.4V to 2.9V, IO2=100mA,
TR=TF=10µs
+10
mV
ΔV
O2 T
Load transient response
IO2=3 to 30mA and IO2=30 to
3mA, TR=TF=150µs
± 20
mV
IO2=10 to 100mA and IO2=100 to
10mA, TR=TF=150µs
± 25
mV
TDMA Noise
Undershoot/overshoot
IO2=10 to 100mA; IMID no load
(1)
± 20
mV
Static variation between low
and high VIN level
5
IO2 MAX
Maximum output current
VINA,P=2.9V to 4.5V
-250
mA
I-L2MAX
Inverting peak current
VO2 below 10% nominal value
-1.43
-1.17
A
RDSONP2
P-channel static drain-source
ON resistance
VINA=VINP=3.7V, ISW-P2=100mA
0.42
0.8
Ω
RDSONN2
N-channel Static Drain-source
ON resistance
VINA=VINP=3.7V, ISW-N2=100mA
0.43
0.8
Ω
Thermal shutdown
OTP
Overtemperature protection
140
°C
OTPHYST
Overtemperature protection
hysteresis
15
°C
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com