Electronic Components Datasheet Search
  English  ▼

X  

STOD13ATPUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STOD13ATPUR
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR Datasheet(HTML) 4 Page - STMicroelectronics

  STOD13ATPUR Datasheet HTML 1Page - STMicroelectronics STOD13ATPUR Datasheet HTML 2Page - STMicroelectronics STOD13ATPUR Datasheet HTML 3Page - STMicroelectronics STOD13ATPUR Datasheet HTML 4Page - STMicroelectronics STOD13ATPUR Datasheet HTML 5Page - STMicroelectronics STOD13ATPUR Datasheet HTML 6Page - STMicroelectronics STOD13ATPUR Datasheet HTML 7Page - STMicroelectronics STOD13ATPUR Datasheet HTML 8Page - STMicroelectronics STOD13ATPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Schematic
STOD13A
4/24
Doc ID 022599 Rev 1
1
Schematic
Figure 1.
Application schematic
Note:
All the above components refer to the typical application performance characteristics.
Operation of the device is not limited to the choice of these external components. Inductor
values ranging from 3.3 µH to 6.8 µH can be used together with the STOD13A.
EN
EN
VINA
CMID
VMID
L1
LX1
VINP
CIN
Swire
S-Wire
VBAT
VREF
CREF
LX2
L2
AGND
PGND
CO2
VO2
STOD13A
AM10430v1
FD
FD
Table 2.
Typical external components
Comp. Manufacturer
Part number
Value
Size
Ratings
L1
(1)
CoilCraft
Murata
SEMCO
ABCO
LPS4012-472ML
LQH3NPN4R7MJ0
CIG22B4R7MNE
LPF2810T-4R7M
4.7µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.1
2.5 x 2.0 x 1.0
2.8 x 2.8 x 1.0
±20%, curr. 1.7A, res. 0.175
Ω
±20%, curr. 1.1A, res. 0.156
Ω
±20%, curr. 1.1A, res. 0.300
Ω
±20%, curr. 0.85A, res. 0.33
Ω
L2
(2)
CoilCraft
Murata
TOKO
LPS4012-472ML
LQH3NPN4R7MJ0
DFE252012C 1239AS-H-4R7N
4. 7µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.1
2.5 x 2.0 x 1.2
±20%, curr. 1.7A, res. 0.175
Ω
±20%, curr. 1.1A, res. 0.156
Ω
±30%, curr. 1.2A, res. 0.252
Ω
CIN
Murata
Taiyo Yuden
GRM219R61A106KE44
LMK212BJ106KD-T
2 x
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CMID
Murata
Taiyo Yuden
GRM219R61A106KE44
LMK212BJ106KD-T
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CO2
Murata
Taiyo Yuden
GRM219R61A106KE44
LMK212BJ106KD-T
2 x
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CREF
Murata
Taiyo Yuden
GRM185R60J105KE26
JMK107BJ105KK-T
1µF
0603
0603
±10%, X5R, 6.3V
±10%, X5R, 6.3V
1.
A 250 mA load can be provided with inductor saturation current as a minimum of 0.9 A.
2.
At -6.4 V, a 250 mA load can be provided with inductor saturation current as a minimum of 1.5 A. See Section 7.1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com