Electronic Components Datasheet Search
  English  ▼

X  

LM3429 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3429
Description  LM3429Q1 N-Channel Controller for Constant Current LED Drivers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3429 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3429 Datasheet HTML 17Page - Texas Instruments LM3429 Datasheet HTML 18Page - Texas Instruments LM3429 Datasheet HTML 19Page - Texas Instruments LM3429 Datasheet HTML 20Page - Texas Instruments LM3429 Datasheet HTML 21Page - Texas Instruments LM3429 Datasheet HTML 22Page - Texas Instruments LM3429 Datasheet HTML 23Page - Texas Instruments LM3429 Datasheet HTML 24Page - Texas Instruments LM3429 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
ILED
ROV1
ROV2
CO
RSNS
D1
OVP
LM3429
nDIM
VIN
PGND
NC
DAP
GATE
COMP
CSH
RCT
IS
HSN
HSP
L1
CIN
CBYP
RLIM
Q1
CCMP
RCSH
CT
RUV2
RUV1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RHSN
RHSP
AGND
RT
Q3
RUVH
PWM
RFS
CFS
COV
VIN
VCC
LM3429
www.ti.com
SNVS616F – APRIL 2009 – REVISED JANUARY 2010
Discontinuous currents are the most likely to generate EMI, therefore care should be taken when routing these
paths. The main path for discontinuous current in the LM3429 buck regulator contains the input capacitor (CIN),
the recirculating diode (D1), the N-channel MosFET (Q1), and the sense resistor (RLIM). In the LM3429 boost and
buck-boost regulators, the discontinuous current flows through the output capacitor (CO), D1, Q1, and RLIM. In
either case, this loop should be kept as small as possible and the connections between all the components
should be short and thick to minimize parasitic inductance. In particular, the switch node (where L1, D1 and Q1
connect) should be just large enough to connect the components. To minimize excessive heating, large copper
pours can be placed adjacent to the short current path of the switch node.
The RCT, COMP, CSH, IS, HSP and HSN pins are all high-impedance inputs which couple external noise easily,
therefore the loops containing these nodes should be minimized whenever possible.
In some applications the LED or LED array can be far away (several inches or more) from the LM3429, or on a
separate PCB connected by a wiring harness. When an output capacitor is used and the LED array is large or
separated from the rest of the regulator, the output capacitor should be placed close to the LEDs to reduce the
effects of parasitic inductance on the AC impedance of the capacitor.
Basic Topology Schematics
BOOST REGULATOR (VIN < VO)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com