Electronic Components Datasheet Search
  English  ▼

X  

LM3429 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3429
Description  LM3429Q1 N-Channel Controller for Constant Current LED Drivers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3429 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3429 Datasheet HTML 9Page - Texas Instruments LM3429 Datasheet HTML 10Page - Texas Instruments LM3429 Datasheet HTML 11Page - Texas Instruments LM3429 Datasheet HTML 12Page - Texas Instruments LM3429 Datasheet HTML 13Page - Texas Instruments LM3429 Datasheet HTML 14Page - Texas Instruments LM3429 Datasheet HTML 15Page - Texas Instruments LM3429 Datasheet HTML 16Page - Texas Instruments LM3429 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
CSH
RCSH
LM3429
VCC
RBIAS
RMAX
Q6
Q7
VREF
RADJ
Q8
RADJ
Variable Current Source
Variable
Resistance
RHSP
ILED = ICSH - IADD x
RSNS
¸
¹
·
¨
©
§
(
)
RADJ x VREF
IADD =
RADJ + RMAX
- VBE-Q6
¸
¹
·
¨
©
§
RBIAS
LM3429
www.ti.com
SNVS616F – APRIL 2009 – REVISED JANUARY 2010
1. External variable resistance : Adjust a potentiometer placed in series with RCSH to vary VSNS.
2. External variable current source: Source current (0 µA to ICSH) into the CSH pin to adjust VSNS.
In general, analog dimming applications require a lower switching frequency to minimize the effect of the leading
edge blanking circuit. As the LED current is reduced, the output voltage and the duty cycle decreases.
Eventually, the minimum on-time is reached. The lower the switching frequency, the wider the linear dimming
range. Figure 6 shows how both methods are physically implemented.
Method 1 uses an external potentiometer in the CSH path which is a simple addition to the existing circuitry.
However, the LEDs cannot dim completely because there is always some resistance causing signal current to
flow. This method is also susceptible to noise coupling at the CSH pin since the potentiometer increases the size
of the signal current loop.
Method 2 provides a complete dimming range and better noise performance, though it is more complex. It
consists of a PNP current mirror and a bias network consisting of an NPN, 2 resistors and a potentiometer
(RADJ), where RADJ controls the amount of current sourced into the CSH pin. A higher resistance value will source
more current into the CSH pin causing less regulated signal current through RHSP, effectively dimming the LEDs.
VREF should be a precise external voltage reference, while Q7 and Q8 should be a dual pair PNP for best
matching and performance. The additional current (IADD) sourced into the CSH pin can be calculated:
(10)
The corresponding ILED for a specific IADD is:
(11)
Figure 6. Analog Dimming Circuitry
CURRENT SENSE/CURRENT LIMIT
The LM3429 achieves peak current mode control using a comparator that monitors the MosFET transistor
current, comparing it with the COMP pin voltage as shown in Figure 7. Further, it incorporates a cycle-by-cycle
over-current protection function. Current limit is accomplished by a redundant internal current sense comparator.
If the voltage at the current sense comparator input (IS) exceeds 245 mV (typical), the on cycle is immediately
terminated. The IS input pin has an internal N-channel MosFET which pulls it down at the conclusion of every
cycle. The discharge device remains on an additional 250 ns (typical) after the beginning of a new cycle to blank
the leading edge spike on the current sense signal. The leading edge blanking (LEB) determines the minimum
achievable on-time (tON-MIN).
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com