Electronic Components Datasheet Search
  English  ▼

X  

DF1706 Datasheet(PDF) 7 Page - Texas Instruments

Part # DF1706
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1706 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DF1706 Datasheet HTML 3Page - Texas Instruments DF1706 Datasheet HTML 4Page - Texas Instruments DF1706 Datasheet HTML 5Page - Texas Instruments DF1706 Datasheet HTML 6Page - Texas Instruments DF1706 Datasheet HTML 7Page - Texas Instruments DF1706 Datasheet HTML 8Page - Texas Instruments DF1706 Datasheet HTML 9Page - Texas Instruments DF1706 Datasheet HTML 10Page - Texas Instruments DF1706 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DF1706
7
SBAS182
FIGURE 4. Audio Data Input Formats.
1
2
15
1/f
S
Lch
Rch
MSB
LSB
16
LRCIN
BCKIN
AUDIO DATA WORD = 16-BIT
D
IN
1
2
15
MSB
LSB
16
2
1
2
1
1
2
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
D
IN
1
2
23
MSB
LSB
24
(c) I2S Data Format (Philips Format); L-Channel = LOW, R-Channel = HIGH
14
15
16
1
2
15
1/f
S
Lch
Rch
MSB
LSB
16
LRCIN
BCKIN
AUDIO DATA WORD = 16-BIT
(a) Standard Data Format; L-Channel = HIGH, R-Channel = LOW
D
IN
1
2
15
16
18
19
22
23
20
1
2
19
MSB
LSB
20
AUDIO DATA WORD = 20-BIT
D
IN
1
2
19
20
24
1
2
23
MSB
LSB
24
AUDIO DATA WORD = 24-BIT
D
IN
1
2
23
MSB
LSB
24
AUDIO INPUT INTERFACE
The audio input interface is comprised of BCKIN (pin 2),
LRCIN (pin 28), and DIN (pin 1). BCKIN is the input bit
clock, which is used to clock data applied at DIN into the
DF1706’s input serial interface. Input data at DIN is clocked
into the DF1706 on the rising edge of BCKIN. The left/right
clock, LRCIN, is used as a word latch for the audio input
data. BCKIN can run at 32fS, 48fS, or 64fS, where fS is the
audio sample frequency. LRCIN is run at the fS rate. Figures
4 (a) through (c) show the input data formats, which are sel-
ected by hardware or software controls.
See Figure 5 for the audio input interface timing requirements.
FIGURE 3. External Forces Reset Timing.
1024 system clocks
Reset
Reset Removal
System Clock
Internal Reset
External Reset
1
2
3
22
23
1/f
S
Lch
Rch
MSB
LSB
24
LRCIN
BCKIN
AUDIO DATA WORD = 24-BIT
D
IN
1
2
3
1
2
3
22
23
MSB
LSB
24
(b) Left-Justified Format; L-Channel = HIGH, R-Channel = LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com