Electronic Components Datasheet Search
  English  ▼

X  

DF1706 Datasheet(PDF) 8 Page - Texas Instruments

Part # DF1706
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1706 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DF1706 Datasheet HTML 4Page - Texas Instruments DF1706 Datasheet HTML 5Page - Texas Instruments DF1706 Datasheet HTML 6Page - Texas Instruments DF1706 Datasheet HTML 7Page - Texas Instruments DF1706 Datasheet HTML 8Page - Texas Instruments DF1706 Datasheet HTML 9Page - Texas Instruments DF1706 Datasheet HTML 10Page - Texas Instruments DF1706 Datasheet HTML 11Page - Texas Instruments DF1706 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DF1706
8
SBAS182
AUDIO OUTPUT INTERFACE
The audio output interface includes BCKO (pin 26), WCKO
(pin 25), DOL (pin 24), and DOR (pin 23).
BCKO is the output bit clock and is used to clock data into an
audio D/A converter, such as the PCM1704. DOL and DOR
are the left and right audio data outputs. WCKO is the output
word clock and is used to latch audio data words into an audio
D/A converter.
WCKO runs at a fixed rate of 8fS (8x oversampling) for all
system clock rates.
FIGURE 6. Audio Output Data Format.
FIGURE 5. Audio Input Interface Timing.
BCKO is fixed at 256fS for system clock rates of 256fS or
512fS.
BCKO is fixed at 192fS for system clock rates of 384fS or
768fS.
The output data format used by the DF1706 for DOL and
DOR is Binary Two’s Complement, MSB-first, right-justified
audio data. Figures 6(a), (b), (c), and (d) show the output data
formats for the DF1706. See Figure 7 the audio output timing.
14
15
16
1
2
1/8f
S
MSB
LSB
WCKO
BCKO
AUDIO DATA WORD = 16-BIT
DOR
DOL
15
16
18
19
22
23
20
1
2
MSB
LSB
AUDIO DATA WORD = 20-BIT
DOR
DOL
19
20
24
1
2
MSB
LSB
AUDIO DATA WORD = 24-BIT
DOR
DOL
23
24
16
17
18
1
2
MSB
LSB
AUDIO DATA WORD = 18-BIT
DOR
DOL
17
18
(a) SYSTEM CLOCK: 256/512fS
14
15
16
1
2
1/8f
S
MSB
LSB
WCKO
BCKO
AUDIO DATA WORD = 16-BIT
DOR
DOL
MSB
15
16
18
19
22
23
20
1
2
MSB
LSB
AUDIO DATA WORD = 20-BIT
DOR
DOL
19
20
24
1
2
MSB
LSB
AUDIO DATA WORD = 24-BIT
DOR
DOL
23
24
1
2
16
17
18
1
2
LSB
AUDIO DATA WORD = 18-BIT
DOR
DOL
17
18
(b) SYSTEM CLOCK: 384/768fS
LRCKIN
BCKIN
D
IN
50% of V
DD
50% of V
DD
50% of V
DD
t
BCH
t
BCL
t
LB
t
BL
t
DS
t
DH
t
BCY
BCKIN Pulse Cycle Time
BCKIN Pulse Width LOW
BCKIN Pulse Width HIGH
BCKIN Rising Edge to LRCIN Edge
LRCIN Edge to BCK Rising Edge
D
IN Set-up Time
D
IN Hold Time
t
BCY
t
BCL
t
BCH
t
BL
t
LB
t
DS
t
DH
82ns (min)
35ns (min)
35ns (min)
10ns (min)
10ns (min)
10ns (min)
10ns (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com