Electronic Components Datasheet Search
  English  ▼

X  

DF1706 Datasheet(PDF) 12 Page - Texas Instruments

Part # DF1706
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1706 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DF1706 Datasheet HTML 8Page - Texas Instruments DF1706 Datasheet HTML 9Page - Texas Instruments DF1706 Datasheet HTML 10Page - Texas Instruments DF1706 Datasheet HTML 11Page - Texas Instruments DF1706 Datasheet HTML 12Page - Texas Instruments DF1706 Datasheet HTML 13Page - Texas Instruments DF1706 Datasheet HTML 14Page - Texas Instruments DF1706 Datasheet HTML 15Page - Texas Instruments DF1706 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DF1706
12
SBAS182
MODE0 Register
The MODE0 register is used to set the attenuation data for
the left output channel, or DOL (pin 24).
When ATC = 1 (Bit B2 of Register MODE3 = 1), the left
channel attenuation data AL[7:0] is used for both the left
and right channel attenuators.
When ATC = 0, (Bit B2 of Register MODE3 = 0), left
channel attenuation data is taken from AL[7:0] of register
MODE0, and right channel attenuation data is taken from
AR[7:0] of register MODE1.
AL[7:0]
Left Channel Attenuator Data, where AL7 is the
MSB and AL0 is the LSB.
Attenuation Level is given by:
ATTEN = 0.5 • (DATA – 255)dB
For DATA = FFH, ATTEN = –0dB
For DATA = FEH, ATTEN = –0.5dB
For DATA = 01H, ATTEN = –127.5dB
For DATA = 00H, ATTEN = infinity = Mute
LDL
Left Channel Attenuation Data Load Control.
This bit is used to simultaneously set attenua-
tion levels of both the left and right channels.
When LDL = 1, the left channel output level is
set by the data in AL[7:0]. The right channel
output level is set by the data in AL[7:0], or the
most recently programmed data in bits AR[7:0]
of register MODE1.
When LDL = 0, the left channel output data
remains at its previously programmed level.
MODE1 Register
The MODE1 register is used to set the attenuation data for
the right output channel, or DOR (pin 23).
When ATC = 1 (Bit B2 of Register MODE3 = 1), the left
channel attenuation data AL[7:0] of register MODE0 is
used for both the left and right channel attenuators.
When ATC = 0, (Bit B2 of Register MODE3 = 0), left
channel attenuation data is taken from AL[7:0] of register
MODE0, and right channel attenuation data is taken from
AR[7:0] of register MODE1.
AR[7:0]
Right Channel Attenuator Data, where AR7 is
the MSB and AR0 is the LSB. Attenuation
Level is given by:
ATTEN = 0.5 • (DATA – 255)dB
For DATA = FFH, ATTEN = –0dB
For DATA = FEH, ATTEN = –0.5dB
For DATA = 01H, ATTEN = –127.5dB
For DATA = 00H, ATTEN = infinity = Mute
LDR
Right Channel Attenuation Data Load Control.
This bit is used to simultaneously set attenua-
tion levels of both the left and right channels.
When LDR = 1, the right channel output level
is set by the data in AR[7:0], or by the data in
bits AL[7:0] of register MODE0. The left chan-
nel output level is set to the most recently
programmed data in bits AL[7:0] of register
MODE0.
When LDR = 0, the right channel output data
remains at its previously programmed level.
MODE2 Register
The MODE2 register is used to program various functions:
MUT
Soft Mute Function.
When MUT = 0, Soft Mute is ON for both left
and right channels.
When MUT = 1, Soft Mute is OFF for both left
and right channels.
DEM
Digital De-Emphasis Function.
When DEM = 0, de-emphasis is OFF.
When DEM = 1, de-emphasis is ON.
x4 Oversampling Rate Selection
When x4 = 0, 8fS Sampling Rate Operation
When x4 = 1, 4fS Sampling Rate Operation
IW[1:0]
Input Data Format and Word Length.
I2S
IW1
IW0
Description
0
0
0
16-Bit Data, Standard
Format (MSB-First,
Right-Justified)
0
0
1
20-Bit Data, Standard
Format
0
1
0
24-Bit Data, Standard
Format
0
1
1
24-Bit Data, MSB-First,
Left-Justified
1
0
0
16-Bit Data, I2S Format
1
0
1
24-Bit Data, I2S format
1
1
0
Reserved
1
1
1
Reserved
OW[1:0]
Output Data Word Length.
OW1 OW0
Description
0
0
16-Bit Data, MSB-First
0
1
18-Bit Data, MSB-First
1
0
20-Bit Data, MSB-First
1
1
24-Bit Data, MSB-First
MODE3 Register
The MODE3 register is used to program various functions.
I2S
Input Data Format.
When I2S = 0, standard or left-justified formats
are enabled.
When I2S = 1, the I2S formats are enabled.
LRP
LRCIN Polarity Selection.
When LRP = 0, left channel is HIGH and right
channel is LOW.
When LRP = 1, left channel is LOW and right
channel is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com