Electronic Components Datasheet Search
  English  ▼

X  

MB86604LPFV Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 41Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 42Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 43Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 44Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 45Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 46Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 47Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 48Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
45
MB86604L
s LIST OF COMMANDS
SPC commands can be specified in the command register or the user program memory and divided into the following
main groups.
• Sequential commands
Commands that perform a consecutive (including phase transitions) sequence operation. Can only be specified
in the command register (1-byte).
• Discrete commands
Commands which perform operations from disassembled sequential commands. Can be specified in the
command register (1-byte command) or the user program memory (1/2-byte command).
• Special commands
Can only be specified in the user program memory (1/2-byte command).
1.
Initiator Commands
(1) Sequential commands
No
Command code
Operand (for program)
Command name
1
00H
00000000
(not possible)
Select & CMD
2
01H
00000001
(not possible)
Select & 1-MSG & CMD
3
02H
00000010
(not possible)
Select & N-Byte-MSG & CMD
4
03H
00000011
(not possible)
Select & 1-MSG
5
04H
00000100
(not possible)
Select & N-Byte-MSG
6
05H
00000101
(not possible)
Send N-Byte-MSG
7
06H
00000110
(not possible)
Send N-Byte-CMD
8
07H
00000111
(not possible)
Receive N-Byte-MSG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com