Electronic Components Datasheet Search
  English  ▼

X  

MB86604LPFV Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB86604LPFV Datasheet HTML 19Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 20Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 21Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 22Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 23Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 24Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 25Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 26Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
23
MB86604L
(5) DMA interface
The DMA access timing described in this section is not applicable in the following cases.
During SCSI input, when the data buffer is EMPTY or when one byte is stored
During SCSI output, when the data buffer is FULL or when 31 bytes are stored
When a parity error is detected (target)
When an error which pauses the transfer occurs at the SCSI interface
• 80 series handshake mode
(a) Write timing
* : The position number indicates the position in the waveform.
Parameter
Symbol
Value
Unit
Base signal
Position*
Min.
Max.
DACK “L” assert time
DREQ “H”
tRQAK
A0
—
ns
DREQ “L” negate time
DACK “L”
tAKRQ
B
—
40
ns
DREQ “H” assert time (8 bit)
DACK “H”
tAKRQ1
C
—
50
ns
DREQ “H” assert time (16 bit)
DACK “H”
tAKRQ2
C—
2 tCLK + 40
ns
IOWR “L” assert time
DACK “L”
tAKWR
D0—
ns
DMBHE, DMA0 set up time
IOWR “L”
tsuDA
E20
—
ns
DMBHE, DMA0 hold time
IOWR “H”
thDA
F20
—
ns
IOWR “L” level pulse width
—
twWRL
G40
—
ns
DACK “H” negate time
IOWR “L”
tWRAK1
H1 tCLK
—ns
IOWR “H”
tWRAK2
I0
—
ns
Input data set up time
IOWR “H”
tsuDMD
J30
—
ns
Input data hold time
IOWR “H”
thDMD
K5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com