Electronic Components Datasheet Search
  English  ▼

X  

MB86604LPFV Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB86604LPFV
Description  SCSI-II Protocol Controller (with single-ended driver/receiver)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB86604LPFV Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB86604LPFV Datasheet HTML 1Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 2Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 3Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 4Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 5Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 6Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 7Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 8Page - fujitsu semiconductor MB86604LPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DS04-22415-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
Communication Control
CMOS
SCSI-II Protocol Controller
(with single-ended driver/receiver)
MB86604L
s DESCRIPTION
The Fujitsu MB86604L is a single-ended transmission type SCSI-II Protocol Controller (SPC) with a single-ended
driver/receiver. The MB86604L facilitates interface control between small/medium host computer and peripheral
devices (such as a hard disk and printer). The specifications conform to the SCSI-II Standard.
The MB86604L supports high-speed synchronous transfer, the MPU/DMA independent system data bus, and
user programmable command set to enable configuration of high-performance systems.
It can also have the phase-to-phase sequence control function to reduce the program overhead of the host MPU.
The MB86604L incorporate with a single-ended type SCSI driver/receiver which can drive 48 mA of large-current,
and so, the device can be directly connected with the SCSI bus.
The device can operate with +5 V single-power supply and in up to 40 MHz clock frequency. As for package, a
100-pin plastic small quad flat package is available.
s FEATURES
SCSI Bus Interface:
• Conforming to the SCSI-II standard
• Operatable as Initiator and target
(Continued)
s PACKAGE
100 pin, Plastic LQFP
(FPT-100P-M05)


Similar Part No. - MB86604LPFV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
MB86606APMT2 FUJITSU-MB86606APMT2 Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
More results

Similar Description - MB86604LPFV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8945 SANYO-LC8945 Datasheet
175Kb / 7P
SCSI (Small Computer System Interface) Protocol Controller
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
SCSI 1 Protocol Controller
logo
fujitsu semiconductor
MB86606A FUJITSU-MB86606A Datasheet
605Kb / 64P
FAST-20 SCSI Protocol Controller
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
Rev. 1
logo
List of Unclassifed Man...
WD33C95A ETC1-WD33C95A Datasheet
776Kb / 11P
Single Chip VLSI SCSI bus controller
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
ULTRA2 SCSI CONTROLLER
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
ULTRA160 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
SCSI Interface Controller
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
SCSI-II Active Terminator
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com