Electronic Components Datasheet Search
  English  ▼

X  

MB88346LPFV Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB88346LPFV
Description  D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88346LPFV Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB88346LPFV Datasheet HTML 7Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 8Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 9Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 10Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 11Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 12Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 13Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 14Page - fujitsu semiconductor MB88346LPFV Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MB88346L
11
2.
AC Characteristics
(VDD, VCC
= 2.7 V to 3.6 V (VCC ≥ VDD) , GND = VSS = 0 V, Ta = − 20 °C to +85 °C)
Parameter
Symbol
Condition
Value
Unit
Min
Max
Clock L level pulse width
tCKL
⎯
200
⎯
ns
Clock H level pulse width
tCKH
⎯
200
⎯
ns
Clock rise time
Clock fall time
tCr
tCf
⎯⎯
200
ns
Data setup time
tDCH
⎯
30
⎯
ns
Data hold time
tCHD
⎯
60
⎯
ns
Load setup time
tCHL
⎯
200
⎯
ns
Load hold time
tLDC
⎯
100
⎯
ns
Load H level pulse width
tLDH
⎯
100
⎯
ns
Data output delay time
tDO
Refer to “• Load condition 1”
70
600
ns
D/A output settling time
tLDD
Refer to “• Load condition 2”
⎯
300
µs
• Load condition 1
Measurement point
CL = 20 pF
to 100 pF
• Load condition 2
R AL = 10 k
Ω
CAL = 50 pF
Measurement point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com