Electronic Components Datasheet Search
  English  ▼

X  

MB89145 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89145
Description  8-bit Proprietary Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89145 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89145 Datasheet HTML 4Page - fujitsu semiconductor MB89145 Datasheet HTML 5Page - fujitsu semiconductor MB89145 Datasheet HTML 6Page - fujitsu semiconductor MB89145 Datasheet HTML 7Page - fujitsu semiconductor MB89145 Datasheet HTML 8Page - fujitsu semiconductor MB89145 Datasheet HTML 9Page - fujitsu semiconductor MB89145 Datasheet HTML 10Page - fujitsu semiconductor MB89145 Datasheet HTML 11Page - fujitsu semiconductor MB89145 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
MB89143A/144A
(Continued)
* : DIP-64P-M01
Pin no.
Pin name
Circuit type
Function
SDIP*
44
P31/INT1
E
General-purpose I/O port
This port is an N-ch open-drain outupt and hysteresis
input type. Also serves as an external interrupt. The
interrupt input is a hysteresis input type and with a built-in
noise canceller.
45
P30/INT0
I
General-purpose I/O port
This port is a hysteresis input type. Also serves as an
external interrupt. The interrupt input is a hysteresis input
type and with a built-in noise canceller.
1
BZ
G
Buzzer output-only pin
P-ch high-voltage open-drain output port
19 to 26,
11 to 18,
2 to 9
P47 to P40,
P57 to P50,
P67 to P60
G
P-ch high-voltage open-drain output port
10
N.C.
—
Be sure to leave them open.
64
VCC
—
Power supply pin
Also serves as an A/D converter power supply.
32
VSS
—
Power supply (GND) pin
63
AVR
—
A/D converter reference voltage input pin
62
AVSS
—
A/D converter power supply pin
Use this pin at the same voltage as VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com