Electronic Components Datasheet Search
  English  ▼

X  

MB89145 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89145
Description  8-bit Proprietary Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89145 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89145 Datasheet HTML 17Page - fujitsu semiconductor MB89145 Datasheet HTML 18Page - fujitsu semiconductor MB89145 Datasheet HTML 19Page - fujitsu semiconductor MB89145 Datasheet HTML 20Page - fujitsu semiconductor MB89145 Datasheet HTML 21Page - fujitsu semiconductor MB89145 Datasheet HTML 22Page - fujitsu semiconductor MB89145 Datasheet HTML 23Page - fujitsu semiconductor MB89145 Datasheet HTML 24Page - fujitsu semiconductor MB89145 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
MB89143A/144A
3. DC Characteristics
(AVR = VCC = 5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
(Continued)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
“H” level input
voltage
VIHS
P00 to P07,
P10 to P17,
P30 to P37,
P70, P71,
X0, RST,
X1, MODA
—
0.8 VCC
—
VCC + 0.3
V
“L” level input
voltage
VILS
P00 to P07,
P10 to P17,
P30 to P37,
P70, P71,
X0, RST,
X1, MODA
—
VSS – 0.3
—
0.2 VCC
V
Open-drain
output pin
application
voltage
VD1
P31
—
VSS – 0.3
—7.0
V
“H” level
output voltage
VOH1
P00 to P07,
P10 to P17,
P20 to P23,
P30 to P37
IOH = –2.0 mA
2.4
—
—
V
Except P31
VOH2
P40 to P47,
P50 to P57,
P60 to P67
IOH = –10 mA
3.0
—
—
V
“L” level
output voltage
VOL1
P00 to P07,
P10 to P17,
P20 to P23,
P30 to P37
IOL = 1.8 mA
—
—
0.4
V
VOL2
RST
IOL = 4.0 mA
—
—
0.6
V
Input leakage
current
ILI1
P00 to P07,
P10 to P17,
P30 to P37,
P70, P71
0 V < V1 < VCC
——
±5
µA
Except pins
with pull-up
resistor
ILI2
P14 to P17,
P32 to P37
VI = 0.0 V
–200
–100
–50
µA
Only for pins
with pull-up
resistor
Output leakage
current
ILO1
P40 to P47,
P50 to P57,
P60 to P67
VI = VCC – 35 V
—
—
–10
µA
Pull-up
resistance
RPULL
RST,
P14 to P17,
P32 to P37
VI = 0.0 V
25
50
100
k
Ω
Power supply
current
ICC1
VCC
FCH = 8 MHz,
VCC = 5.0 V,
tinst = 0.5
µs,
when A/D conversion is
stopped
—9
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com