Electronic Components Datasheet Search
  English  ▼

X  

MB89145 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89145
Description  8-bit Proprietary Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89145 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89145 Datasheet HTML 22Page - fujitsu semiconductor MB89145 Datasheet HTML 23Page - fujitsu semiconductor MB89145 Datasheet HTML 24Page - fujitsu semiconductor MB89145 Datasheet HTML 25Page - fujitsu semiconductor MB89145 Datasheet HTML 26Page - fujitsu semiconductor MB89145 Datasheet HTML 27Page - fujitsu semiconductor MB89145 Datasheet HTML 28Page - fujitsu semiconductor MB89145 Datasheet HTML 29Page - fujitsu semiconductor MB89145 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
26
MB89143A/144A
(5) Serial I/O timing
(AVR = VCC = 5.0 V
±10%, AVSS = VSS = 0.0 V, TA = –40°C to +85°C)
* : For information on tinst, see “(4) Instruction Cycle.”
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Max.
Serial clock cycle time
tSCYC
SCK
Internal shift
clock mode
2 tinst*—
µs
SCK
↓ → SO time
tSLOV
SCK, SO
–200
200
ns
Valid SI
→ SCK ↑
tIVSH
SI, SCK
1/2 tinst*—
µs
SCK
↑ → valid SI hold time tSHIX
SCK, SI
1/2 tinst*—
µs
Serial clock “H” pulse
width
tSHSL
SCK
External shift
clock mode
1 tinst*—
µs
Serial clock “L” pulse
width
tSLSH
SCK
1 tinst*—
µs
SCK
↓ → SO time
tSLOV
SCK, SO
0
200
ns
Valid SI
→ SCK ↑
tIVSH
SI, SCK
1/2 tinst*—
µs
SCK
↑ → valid SI hold time tSHIX
SCK, SI
1/2 tinst*—
µs
tSCYC
tSLOV
tSHIX
tIVSH
SCK
2.4 V
0.8 V
0.8 V
2.4 V
0.8 V
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
SO
SI
tSLSH
tSLOV
tSHIX
tIVSH
SCK
0.8 VCC
0.2 VCC
2.4 V
0.8 V
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
SO
SI
0.2 VCC
tSHSL
0.8 VCC
Internal Shift Clock Mode
External Shift Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com