Electronic Components Datasheet Search
  English  ▼

X  

MB89173LPF Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB89173LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89173LPF Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB89173LPF Datasheet HTML 25Page - fujitsu semiconductor MB89173LPF Datasheet HTML 26Page - fujitsu semiconductor MB89173LPF Datasheet HTML 27Page - fujitsu semiconductor MB89173LPF Datasheet HTML 28Page - fujitsu semiconductor MB89173LPF Datasheet HTML 29Page - fujitsu semiconductor MB89173LPF Datasheet HTML 30Page - fujitsu semiconductor MB89173LPF Datasheet HTML 31Page - fujitsu semiconductor MB89173LPF Datasheet HTML 32Page - fujitsu semiconductor MB89173LPF Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
MB89170/170A/170L Series
2. Recommended Operating Conditions
(VSS = 0.0 V)
* : These values vary with the operating frequency, instruction cycle, and the assurance range for the DTMF gen-
erator. See Figure 1 and “(7) Electrical Characteristics of DTMF Generator” in “4. AC characteristics.”
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
2.2*
6.0*
V
Normal operation assurance range*
MB89174A/173/174L/173L
2.7*
6.0*
V
Normal operation assurance range*
MB89PV170A/P175A/P173
1.5
6.0
V
Retains the RAM state in the stop
mode
Operating temperature
TA
–40
+85
°C
Assurance range
for DTMF generator
Operating assurance range
6
5
4
3
2
1
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
4.0
2.0
1.33
1.0
0.8
0.67
0.57
0.5
Main clock operating frequency (at an instruction cycle of 4/FCH) (MHz)
Minimum execution time (instruction cycle) (µs)
Note: The shaded area is assured only for the MB89170A series.
Figure 1 Operating Voltage vs. Main Clock Operating Frequency(MB89170/170A series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com