Electronic Components Datasheet Search
  English  ▼

X  

MB89173LPF Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # MB89173LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89173LPF Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button MB89173LPF Datasheet HTML 27Page - fujitsu semiconductor MB89173LPF Datasheet HTML 28Page - fujitsu semiconductor MB89173LPF Datasheet HTML 29Page - fujitsu semiconductor MB89173LPF Datasheet HTML 30Page - fujitsu semiconductor MB89173LPF Datasheet HTML 31Page - fujitsu semiconductor MB89173LPF Datasheet HTML 32Page - fujitsu semiconductor MB89173LPF Datasheet HTML 33Page - fujitsu semiconductor MB89173LPF Datasheet HTML 34Page - fujitsu semiconductor MB89173LPF Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
MB89170/170A/170L Series
3. DC Characteristics
(VCC = 5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
(Continued)
Parameter
Sym-
bol
Pin name
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
“H” level input
voltage
VIH
P00 to P07,
P10 to P17
0.7 VCC
VCC +
0.3
V
VIHS
RST,
MOD0, MOD1,
P30 to P37,
INT20 to INT27
0.8 VCC
VCC +
0.3
V
“L” level input
voltage
VIL
P00 to P07,
PI0 to PI7
VSS
−
0.3
0.3 VCC
V
VILS
RST,
MOD0, MOD1,
P30 to P37,
INT20 to INT27
VSS
−
0.3
0.2 VCC
V
Open-drain output
pin applied voltage
VD
P40 to P44
VSS
−
0.3
VSS +
6.0
V
“H” level output
voltage
VOH
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37
IOH = –2.0 mA
2.4

V
“L” level output
voltage
VOL1
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
P40 to P44
IOL = 1.8 mA

0.4
V
VOL2
RST
IOL = 4.0 mA

0.6
V
Input leakage
current (Hi-z
output leakage
current)
ILI1
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
P40 to P44,
MOD0, MOD1
0.0 V < VI < VCC

±5
µA
Without pull-
up resistor
Pull-up resistance
RPULL
P00 to P07,
P10 to P17,
P30 to P37,
P40 to P44,
RST
VI = 0.0 V
25
50
100
k
Ω
With pull-up
resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com