Electronic Components Datasheet Search
  English  ▼

X  

MB89173LPF Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB89173LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89173LPF Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB89173LPF Datasheet HTML 30Page - fujitsu semiconductor MB89173LPF Datasheet HTML 31Page - fujitsu semiconductor MB89173LPF Datasheet HTML 32Page - fujitsu semiconductor MB89173LPF Datasheet HTML 33Page - fujitsu semiconductor MB89173LPF Datasheet HTML 34Page - fujitsu semiconductor MB89173LPF Datasheet HTML 35Page - fujitsu semiconductor MB89173LPF Datasheet HTML 36Page - fujitsu semiconductor MB89173LPF Datasheet HTML 37Page - fujitsu semiconductor MB89173LPF Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
MB89170/170A/170L Series
(3) Clock Timing
(VSS = 0.0 V, TA = –40
°C to +85°C)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Clock frequency
FCH
X0, X1
—
1
—
3.58
MHz
MB89173/
P173
1
—
7.16
MHz
MB89174A/
P175A/
PV170A/
173L/174L
FCL
X0A, X1A
—
32.768
—
kHz
Subclock
Clock cycle time
tHCYL
X0, X1
280
—
1000
ns
MB89173/
P173
140
—
1000
ns
MB89174A/
P175A/
PV170A/
173L/174L
tLCYL
X0A, X1A
—
30.5
—
µs
Subclock
Input clock pulse
width
PWH
PWL
X0
20
—
—
ns
External clock
PWHL
PWLL
X0A
—
15.2
—
µs
External clock
Input clock rising/
falling time
tCR
tCF
X0, X0A
—
—
10
ns
External clock
When a crystal
or
ceramic resonator is used
When an external clock is used
X0
X1
Open
X0
X1
X0
tCR
0.8 VCC
0.2 VCC
PWH
tHCYL
tCF
PWL
0.8 VCC
0.2 VCC
0.2 VCC
• Main Clock Timing Condition
• Main Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com