Electronic Components Datasheet Search
  English  ▼

X  

MB89174LPF Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 42Page - fujitsu semiconductor MB89174LPF Datasheet HTML 43Page - fujitsu semiconductor MB89174LPF Datasheet HTML 44Page - fujitsu semiconductor MB89174LPF Datasheet HTML 45Page - fujitsu semiconductor MB89174LPF Datasheet HTML 46Page - fujitsu semiconductor MB89174LPF Datasheet HTML 47Page - fujitsu semiconductor MB89174LPF Datasheet HTML 48Page - fujitsu semiconductor MB89174LPF Datasheet HTML 49Page - fujitsu semiconductor MB89174LPF Datasheet HTML 50Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
47
MB89170/170A/170L Series
s MASK OPTIONS
Note: Reset is input asynchronized with the internal clock whether power-on reset is provided or not.
s ORDERING INFORMATION
No.
Part number
MB89173L
MB89174L
MB89P173
MB89173
MB89174A
MB89P173-201 MB89P175A MB89PV170A
Specifying procedure
Specify when
ordering
masking
Specify when
ordering
masking
Standard
option
product
Set with
EPROM
programmer
Setting not
possible
1
Pull-up resistors
• P00 to P07, P10 to P17
• P30 to P37, P40 to P44
Can be
selected per
pin
Can be
selected per
pin
All ports
Fixed to no pull-
up resistor
Can be set
per pin
(However,
P40 to P44
are available
only for no
pull-up
resistor.)
All ports
Fixed to no
pull-up
resistor option
2
Power-on reset
• Power-on reset provided
• No power-on reset
Selectable
Selectable
Fixed to no
power-on reset
option
Setting
possible
Fixed to
power-on
reset option
3
Selection of oscillation
stabilization
time initial value (when
operating at
FCH = 3.58 MHz)
3: 218/FCH (approx. 73.2 ms)
2: 216/FCH (approx. 18.3 ms)
1: 212/FCH (approx. 1.1 ms)
0: 23/FCH (approx. 0 ms)
Selectable
Selectable
Fixed to 216/FCH
Setting
possible
Fixed to 218/
FCH
4
Reset pin output
• Reset output enabled
• Reset output disabled
Selectable
Selectable
Fixed to reset
output option
Setting
possible
Fixed to reset
output option
5
Clock mode selection
• Dual-clock mode
• Single-clock mode
Fixed to
single-clock
mode
Selectable
Fixed to dual-
clock mode
Setting
possible
Fixed to dual-
clock mode
Part number
Package
Remarks
MB89173PF
MB89174APF
MB89P173PF
MB89P175APF
MB89173LPF
MB89174LPF
48-pin Plastic QFP
(FPT-48P-M16)
MB89PV170ACF
48-pin Ceramic MQFP
(MQP-48C-P01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com