Electronic Components Datasheet Search
  English  ▼

X  

MB89174LPF Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 34Page - fujitsu semiconductor MB89174LPF Datasheet HTML 35Page - fujitsu semiconductor MB89174LPF Datasheet HTML 36Page - fujitsu semiconductor MB89174LPF Datasheet HTML 37Page - fujitsu semiconductor MB89174LPF Datasheet HTML 38Page - fujitsu semiconductor MB89174LPF Datasheet HTML 39Page - fujitsu semiconductor MB89174LPF Datasheet HTML 40Page - fujitsu semiconductor MB89174LPF Datasheet HTML 41Page - fujitsu semiconductor MB89174LPF Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
38
MB89170/170A/170L Series
(7) Peripheral Input Timing
(VCC = +5.0 V
±10%, VSS = 0.0 V, TA = –40
°C to +85°C)
* : For information on tinst, see “(4) Instruction Cycle.”
(8) Electrical Characteristics of DTMF Generator
(VSS = 0.0 V, FCH = 3.579545 MHz, TA = –30
°C to + 60°C)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min.
Max.
Peripheral input “H” pulse width 1
tILIH1
EC, INT0 to INT2,
INT20 to INT27
2 tinst*—
µs
Peripheral input “L” pulse width 1
tIHIL1
2 tinst*—
µs
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Operating voltage
range
——
3.0
—
6.0
V
MB89P173
2.4
—
6.0
V
MB89173/174A
2.7
—
6.0
V
MB89P175A
Output load
requirements
RO
VCC = 4.5 V to 6.0 V
30
—
—
k
Ω
Defined when the DTMF
pin is connected to a pull-
down resistor for the
MB89P173.
VCC = 3.0 V to 4.5 V
200
—
—
k
Ω
VCC = 2.4 V to 6 V
30
—
—
k
Ω
Defined when the DTMF
pin is connected to a pull-
down resistor for the
MB89173/174A
VCC = 2.7 V to 6 V
MB89P175A
DTMF output offset
voltage (at signal
output)
VMOF
VCC = 5.0 V
—2.4
—
V
When the DTMF pin is
open for MB89P173.
—0.6
—
V
When the DTMF pin is
open for the MB89173/
174A/P175A.
DTMF output
amplitude (COL
single tone)
VMFOC
VCC = 5.0 V
450
530
600
mVP-P
When DTMF pin is open.
DTMF output
amplitude (ROW
single tone)
VMFOR
VCC = 5.0 V
350
420
480
mVP-P
Difference between
COL and ROW levels
RMF
—
1.6
2.0
2.4
dB
0.2 VCC
0.8 VCC
tIHIL1
0.8 VCC
EC
INT0 to INT2
INT20 to INT27
0.2 VCC
tILIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com