Electronic Components Datasheet Search
  English  ▼

X  

MB89174LPF Datasheet(PDF) 48 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 48 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 42Page - fujitsu semiconductor MB89174LPF Datasheet HTML 43Page - fujitsu semiconductor MB89174LPF Datasheet HTML 44Page - fujitsu semiconductor MB89174LPF Datasheet HTML 45Page - fujitsu semiconductor MB89174LPF Datasheet HTML 46Page - fujitsu semiconductor MB89174LPF Datasheet HTML 47Page - fujitsu semiconductor MB89174LPF Datasheet HTML 48Page - fujitsu semiconductor MB89174LPF Datasheet HTML 49Page - fujitsu semiconductor MB89174LPF Datasheet HTML 50Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
48
MB89170/170A/170L Series
s PACKAGE DIMENSION
C
1994 FUJITSU LIMITED F48026S-1C-1
Details of "A" part
17.20±0.40
0.30±0.06
(.012±.002)
0.16(.006) M
13.60±0.40
8.80
(.535±.016)
(.346)
REF
0.15(.006)
INDEX
Details of "B" part
12
1
25
36
37
24
13
48
0.80(.0315)TYP
LEAD No.
(.677±.016)
SQ
SQ
"A"
0.15(.006)
0.20(.008)
0.50(.020)MAX
0.15(.006)MAX
0~10°
1.80±0.30
(.071±.012)
"B"
(STAND OFF)
0.05(.002)MIN
.472 –.004
+.012
–0.10
+0.30
12.00
.006 –.0004
+.002
–0.01
+0.05
0.15
2.70(.106)MAX
(Mounting height)
Dimensions in mm (inches)
48-pin Plastic QFP
(FPT-48P-M16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com