Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 4Page - fujitsu semiconductor MB89663 Datasheet HTML 5Page - fujitsu semiconductor MB89663 Datasheet HTML 6Page - fujitsu semiconductor MB89663 Datasheet HTML 7Page - fujitsu semiconductor MB89663 Datasheet HTML 8Page - fujitsu semiconductor MB89663 Datasheet HTML 9Page - fujitsu semiconductor MB89663 Datasheet HTML 10Page - fujitsu semiconductor MB89663 Datasheet HTML 11Page - fujitsu semiconductor MB89663 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
MB89660 Series
8
(Continued)
*1: DIP-64P-M01, DIP-64C-A06
*2: FPT-64P-M06
Pin no.
Pin name
Circuit
type
Function
DIP*1
QFP*2
3
60
P40/SCK1
E
General-purpose I/O port
Also serves as the clock I/O for the UART. This pin is a
hysteresis input type and with a noise canceller.
4
61
P41/SO1
E
General-purpose I/O port
Also serves as the data output for the UART. This pin is a
hysteresis input type and with a noise canceller.
5
62
P42/SI1
E
General-purpose I/O port
Also serves as the data input for the UART. This pin is a
hysteresis input type and with a noise canceller.
6
63
P43/SCK2
E
General-purpose I/O port
Also serves as the clock I/O for the 8-bit serial I/O
interface. This pin is a hysteresis input type and with a
noise canceller.
7
64
P44/SO2
E
General-purpose I/O port
Also serves as the data output for the 8-bit serial I/O
interface. This pin is a hysteresis input type and with a
noise canceller.
8
1
P45/SI2
E
General-purpose I/O port
Also serves as the data input for the 8-bit serial I/O
interface. This pin is a hysteresis input type and with a
noise canceller.
9
2
P46/PTO
E
General-purpose I/O port
Also serves as a toggle output for an 8-bit PWM timer.
This pin is a hysteresis input type and with a noise
canceller.
10
3
P47
E
General-purpose I/O port
This pin is a hysteresis input type and with a noise
canceller.
11 to 18
4 to 11
P50/AN0 to
P57/AN7
H
N-ch open-drain output-only ports
Also serve as the analog input for the A/D converter.
22 to 25
15 to 18
P60/INT0 to
P63/INT3
E
General-purpose I/O ports
These pins also serve as an external interrupt input.
These pins are a hysteresis input type and with a noise
canceller.
64
57
VCC
—
Power supply pin
32
57
25
50
VSS
—
Power supply (GND) pins
19
12
AVCC
—
A/D converter power supply pin
20
13
AVR
—
A/D converter reference voltage input pin
21
14
AVSS
—
A/D converter power supply pin
Use this pin at the same voltage as VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com