Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 17Page - fujitsu semiconductor MB89663 Datasheet HTML 18Page - fujitsu semiconductor MB89663 Datasheet HTML 19Page - fujitsu semiconductor MB89663 Datasheet HTML 20Page - fujitsu semiconductor MB89663 Datasheet HTML 21Page - fujitsu semiconductor MB89663 Datasheet HTML 22Page - fujitsu semiconductor MB89663 Datasheet HTML 23Page - fujitsu semiconductor MB89663 Datasheet HTML 24Page - fujitsu semiconductor MB89663 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
MB89660 Series
21
s I/O MAP
(Continued)
Address
Read/write
Register name
Register description
00H
(R/W)
PDR0
Port 0 data register
01H
(W)
DDR0
Port 0 data direction register
02H
(R/W)
PDR1
Port 1 data register
03H
(W)
DDR1
Port 1 data direction register
04H
(R/W)
PDR2
Port 2 data register
05H
Vacancy
06H
Vacancy
07H
Vacancy
08H
(R/W)
STBC
Standby control register
09H
(R/W)
WDTC
Watchdog timer control register
0AH
(R/W)
TBTC
Watch interrupt control register
0BH
Vacancy
0CH
(R/W)
PDR3
Port 3 data register
0DH
(W)
DDR3
Port 3 data direction register
0EH
(R/W)
PDR4
Port 4 data register
0FH
(W)
DDR4
Port 4 data direction register
10H
(R/W)
PDR5
Port 5 data register
11H
Vacancy
12H
(R/W)
PDR6
Port 6 data register
13H
(W)
DDR6
Port 6 data direction register
14H
Vacancy
15H
(R/W)
ADC1
A/D converter control register 1
16H
(R/W)
ADC2
A/D converter control register 2
17H
(R/W)
ADCD
A/D converter data register
18H
(R/W)
T2CR
8/16-bit timer 2 control register
19H
(R/W)
T1CR
8/16-bit timer 1 control register
1AH
(R/W)
T2DR
8/16-bit timer 2 data register
1BH
(R/W)
T1DR
8/16-bit timer 1 data register
1CH
(R/W)
CNTR
PWM control register
1DH
(W)
COMR
PWM compare register
1EH
Vacancy
1FH
Vacancy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com