Electronic Components Datasheet Search
  English  ▼

X  

MB89663 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89663 Datasheet HTML 22Page - fujitsu semiconductor MB89663 Datasheet HTML 23Page - fujitsu semiconductor MB89663 Datasheet HTML 24Page - fujitsu semiconductor MB89663 Datasheet HTML 25Page - fujitsu semiconductor MB89663 Datasheet HTML 26Page - fujitsu semiconductor MB89663 Datasheet HTML 27Page - fujitsu semiconductor MB89663 Datasheet HTML 28Page - fujitsu semiconductor MB89663 Datasheet HTML 29Page - fujitsu semiconductor MB89663 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
MB89660 Series
26
(Continued)
(AVCC = VCC = +5.0 V, AVSS = VSS = 0.0 V, TA = –40
°C to +85°C)
*1: Fix MOD0 and MOD1 to VSS.
*2: The power supply current is measured at the external clock.
*3: For information on tinst, see “(4) Instruction Cycle” in “4. AC Characteristics.”
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Pull-down
resistance
RPULD
MOD0, MOD1 VI = +5.0 mA
5
20
60
k
Ω Mask ROM
products only
Power supply
current
ICC
VCC
FC = 10 MHz
tinst*3 = 0.4
µs
Normal mode
—15
18
mA
MB89663/665
—17
20
mA
MB89P665/
W665
ICCS
FC = 10 MHz
tinst*3 = 0.4
µs
Sleep mode
—6
8
mA
ICCH
TA = +25
°C
tinst*3 = 0.4
µs
Stop mode
——
10
µA
Also
applicable to
the hardware
standby mode.
IA
AVCC
FC = 10 MHz,
when A/D
conversion is
activated
—2.5
4.5
mA
IAH
FC = 10 MHz,
TA = +25
°C,
when A/D
conversion is
stopped
——
5
µA
Input
capacitance
CIN
Other than
AVCC, AVSS, VCC,
and VSS
f = 1 MHz
—
10
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com