Electronic Components Datasheet Search
  English  ▼

X  

NJM2115 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2115
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2115 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2115 Datasheet HTML 1Page - New Japan Radio NJM2115 Datasheet HTML 2Page - New Japan Radio NJM2115 Datasheet HTML 3Page - New Japan Radio NJM2115 Datasheet HTML 4Page - New Japan Radio NJM2115 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJM2115
- 2 -
Ver.2013-02-12
■ ABSOLUTE MAXIMUM RATINGS
( Ta=25˚C )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+/V-
± 7.0
V
Differential Input Voltage
VID
± 14
V
( DIP8 ) 500
( DMP8 ) 300
( SIP8 ) 800
Power Dissipation
PD
( SSOP8 ) 250
( MSOP8 ) 320
mW
Operating Temperature Range
Topr
-40~+85
˚C
Storage Temperature Range
Tstg
-40~+125
˚C
■ ELECTRICAL CHARACTERISTICS
( V+/V-=±2.5V,Ta=25˚C )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
RS≤10kΩ
-
1
6
mV
Input Bias Current
IB
-
100
300
nA
Large Signal Voltage Gain
AV
RL≥10kΩ
60
80
-
dB
Maximum Output Voltage Swing
VOM
RL≥2.5kΩ
± 2
± 2.2
-
V
Input Common Mode Voltage Range
VICM
± 1.5
-
-
V
Common Mode Rejection Ratio
CMR
60
74
-
dB
Supply Voltage Rejection Ratio
SVR
60
80
-
dB
Operating Current
ICC
VIN=0,RL=∞
-
3.5
5
mA
Slew Rate
SR
AV=1,VIN=± 1V
-
4
-
V/µs
Gain Bandwidth product
GB
f=10kHz
-
12
-
MHz
( Note1 ) Applied circuit voltage gain is desired to be operated within the range of 3dB to 30 dB.
( Note2 ) Special care being required for input common mode voltage range and the oscillation due to the capacitive load when operating on voltage follower.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com