Electronic Components Datasheet Search
  English  ▼

X  

NJM2115 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2115
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2115 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2115 Datasheet HTML 1Page - New Japan Radio NJM2115 Datasheet HTML 2Page - New Japan Radio NJM2115 Datasheet HTML 3Page - New Japan Radio NJM2115 Datasheet HTML 4Page - New Japan Radio NJM2115 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NJM2115
- 5 -
Ver.2013-02-12
■ TYPICAL CHARACTERISTICS
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Input Offset Voltage vs.Temperature
(V
+/V-=±2.5V, R
L=10kΩ)
-2
-1
0
1
2
-50
-25
0
25
50
75
100
Ambient Temperature Ta (ºC)
Input Offset Voltage vs.Temperature
(V
+/V-=±2.5V, R
L=10kΩ)
-2
-1
0
1
2
-50
-25
0
25
50
75
100
Ambient Temperature Ta (ºC)
Maximum Output Voltagevs.Temperature
(V
+/V-=±2.5V, R
L=2.5kΩ)
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
Ambient Temperature Ta(ºC)
+
VOM
-VOM
Operating Current vs.Temperature
(V
+/V-=±2.5V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
Ambient Temperature Ta(ºC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com