Electronic Components Datasheet Search
  English  ▼

X  

NJM2115 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2115
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2115 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2115 Datasheet HTML 1Page - New Japan Radio NJM2115 Datasheet HTML 2Page - New Japan Radio NJM2115 Datasheet HTML 3Page - New Japan Radio NJM2115 Datasheet HTML 4Page - New Japan Radio NJM2115 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NJM2115
- 1 -
Ver.2013-02-12
DUAL OPERATIONAL AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
NJM2115 is a low operating Voltage ( ±1.0V min. ) and low
saturation output voltage ( ±2.0VP-P at supply voltage ±2.5V )
operational amplifier.It is applicable to HANDY TYPE CD,RADIO
CASSETTE CD,and PORTABLE DAT,that are digital audio
apparatus which require the 5V single supply operation and high
output voltage.The NJM2115 is improved version of the NJM2100
about BIAS CIRCUIT.
NJM2115 is low saturation compared to the NJM2100 under
the condition of low supply voltage ( < ±2.5V ).The NJM2115 is
stable about the oscillation compared to the NJM2100 under the
condition of V+/V-> 2.5V.
■ FEATURES
● Operating Voltage
( ±1V~±7V )
● Low Saturation Output Voltage ( ±2.0VP-P@ V
+=±2.5V )
● Slew Rate
( 4V/µs typ. )
● Unity Gain Bandwidth
( 12MHz typ. )
● Package Outline
DIP8,DMP8,SIP8,SSOP8,
MSOP8(TVSP8)MEET JEDEC MO-187-DA / THINTYPE
● Bipolar Technology
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT ( 1/2 Shown )
PIN FUNCTION
1.A OUTPUT
2.A –INPUT
3.A +INPUT
4.V
-
5.B +INPUT
6.B –INPUT
7.B OUTPUT
8.V
+
NJM2115D
NJM2115M
NJM2115V
NJM2115RB1
NJM2115L
NJM2115RB1
NJM2115D
NJM2115M
NJM2115V
NJM2115L


Similar Part No. - NJM2115

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2115 NJRC-NJM2115 Datasheet
253Kb / 6P
DUAL OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJM2115 NISSHINBO-NJM2115 Datasheet
309Kb / 5P
DUAL OPERATIONAL AMPLIFIER
Ver.20250303
logo
New Japan Radio
NJM2115D NJRC-NJM2115D Datasheet
253Kb / 6P
DUAL OPERATIONAL AMPLIFIER
NJM2115L NJRC-NJM2115L Datasheet
253Kb / 6P
DUAL OPERATIONAL AMPLIFIER
NJM2115M NJRC-NJM2115M Datasheet
253Kb / 6P
DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - NJM2115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com