Electronic Components Datasheet Search
  English  ▼

X  

MB89923 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89923
Description  8-bit Proprietary Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89923 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89923 Datasheet HTML 4Page - fujitsu semiconductor MB89923 Datasheet HTML 5Page - fujitsu semiconductor MB89923 Datasheet HTML 6Page - fujitsu semiconductor MB89923 Datasheet HTML 7Page - fujitsu semiconductor MB89923 Datasheet HTML 8Page - fujitsu semiconductor MB89923 Datasheet HTML 9Page - fujitsu semiconductor MB89923 Datasheet HTML 10Page - fujitsu semiconductor MB89923 Datasheet HTML 11Page - fujitsu semiconductor MB89923 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
MB89920 Series
(Continued)
Pin no.
Pin name
Circuit
type
Function
27
P30/UI
E
General-purpose I/O port
A pull-up resistor option is provided.
Also serves as a UART data input (UI).
28 to 31
P27 to P24
D
General-purpose I/O ports
A pull-up resistor option is provided.
32
P23/RTI1
E
General-purpose I/O port
A pull-up resistor option is provided.
Also serves as an input capture data input.
33,
34
P22,
P21
D
General-purpose I/O ports
A pull-up resistor option is provided.
35
P20/RTI0
E
General-purpose I/O port
A pull-up resistor option is provided.
Also serves as an input capture data input.
36 to 39
P07 to P04
D
General-purpose I/O ports
A pull-up resistor options is provided.
40 to 43
P03/INT3 to
P00/INT0
E
General-purpose I/O ports
A pull-up resistor options is provided.
Also serve as an external interrupt input (INT0 to INT3).
44 to 51
P17/AN7 to
P10/AN0
G
CMOS I/O ports
Also serve as an A/D converter analog input.
57,
58
P45/V2,
P44/V1
F
LCD driving power supply pins
These pins can be used as an N-ch open-drain general-purpose
I/O when not used as an LCD driving power supply.
59 to 62
P43/COM3 to
P40/COM0
F
LCD common output pins
These pins can be used as an N-ch open-drain general-purpose
I/O when not used as an LCD common output.
63 to 70
P50/SEG0 to
P57/SEG7
F
LCD segment output pins
These pins can be used as an N-ch open-drain general-purpose
I/O when not used as an LCD segment output.
71 to 78
P60/SEG8 to
P67/SEG15
F
LCD segment output pins
These pins can be used as an N-ch open-drain general-purpose
I/O when not used as an LCD segment output.
79,
80
P70/SEG16,
P71/SEG17
F
LCD segment output pins
These pins can be used as an N-ch open-drain general-purpose
I/O when not used as an LCD segment output.
1 to 6
P72/SEG18 to
P77/SEG23
F
LCD segment output pins
These pins can be used as an N-ch open-drain general-purpose
I/O when not used as an LCD segment output.
7 to 11
P80/SEG24 to
P83/SEG27
F
LCD segment output pins
These pins can be used as an N-ch open-drain general-purpose
I/O when not used as an LCD segment output.
52
AVSS
A/D converter power supply (GND) pin
53
AVR
A/D converter reference power supply pin
54
AVCC
A/D converter power supply pin
55
VCC
Power supply pin
56
V3
LCD driving power supply pin
15
VSS
Power supply (GND) pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com