Electronic Components Datasheet Search
  English  ▼

X  

MB89923 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB89923
Description  8-bit Proprietary Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89923 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB89923 Datasheet HTML 22Page - fujitsu semiconductor MB89923 Datasheet HTML 23Page - fujitsu semiconductor MB89923 Datasheet HTML 24Page - fujitsu semiconductor MB89923 Datasheet HTML 25Page - fujitsu semiconductor MB89923 Datasheet HTML 26Page - fujitsu semiconductor MB89923 Datasheet HTML 27Page - fujitsu semiconductor MB89923 Datasheet HTML 28Page - fujitsu semiconductor MB89923 Datasheet HTML 29Page - fujitsu semiconductor MB89923 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
26
MB89920 Series
2. Recommended Operating Conditions
(VSS = 0.0 V)
*1: These values vary with the operating frequency, instruction cycle, and analog assurance range. See Figure 1
and “5. A/D Converter Electrical Characteristics.”
*2: VCC must not exceed V3.
Figure 1
Operating Voltage vs. Clock Operating Frequency
Figure 1 indicates the operating frequency of the external oscillator at an instruction cycle of 4/FC.
Since the operating voltage range is dependent on the instruction cycle, see minimum execution time if the
operating speed is switched using a gear.
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
2.2*1
6.0
V
Normal operation assurance range
2.7*1
6.0
V
MB89PV920/P928
1.5
6.0
V
Retains the RAM state in stop mode
A/D converter reference input
voltage
AVR
3.0
AVCC
V
LCD power supply voltage
V1 to V3
VSS
VSS + 6.0
V
V1
≤ V2 ≤ V3*2
Operating temperature
TA
–40
+85
°C
4.0
0.8
0.5
2.0
1
2
3
4
5
6
1.0
5.0
8.0
Operation assurance range
Clock operating frequency (at an instruction cycle of 4/FC) (MHz)
Note: The shaded area is assured only for the MB89923/925.
Minimum execution time (instruction cycle) (
µs)
2.0
3.0
4.0
6.0
7.0
10.0
9.0
Analog accuracy assured in the
AVCC = 3.5 V to 6.0 V range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com