Electronic Components Datasheet Search
  English  ▼

X  

MB89923 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB89923
Description  8-bit Proprietary Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89923 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB89923 Datasheet HTML 14Page - fujitsu semiconductor MB89923 Datasheet HTML 15Page - fujitsu semiconductor MB89923 Datasheet HTML 16Page - fujitsu semiconductor MB89923 Datasheet HTML 17Page - fujitsu semiconductor MB89923 Datasheet HTML 18Page - fujitsu semiconductor MB89923 Datasheet HTML 19Page - fujitsu semiconductor MB89923 Datasheet HTML 20Page - fujitsu semiconductor MB89923 Datasheet HTML 21Page - fujitsu semiconductor MB89923 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
MB89920 Series
s CPU CORE
1. Memory Space
The microcontrollers of the MB89920 series offer a memory space of 64 Kbytes for storing all of I/O, data, and
program areas. The I/O area is located at the lowest address. The data area is provided immediately above the
I/O area. The data area can be divided into register, stack, and direct areas according to the application. The
program area is located at exactly the opposite end, that is, near the highest address. Provide the tables of
interrupt reset vectors and vector call instructions toward the highest address within the program area. The
memory space of the MB89920 series is structured as illustrated below.
Memory Space
ROM
FFFFH
0080H
0000H
I/O
MB89923
E000H
0100H
FFFFH
0080H
0000H
I/O
0100H
FFFFH
0080H
0000H
I/O
0100H
0200H
0480H
RAM
Register
RAM
RAM
0200H
0180H
0280H
Not available
C000H
4000H
Program ROM
ROM
Not available
Register
Register
Not available
FFFFH
0080H
0000H
I/O
0100H
0200H
0480H
RAM
4000H
Program ROM
Register
Not available
MB89925
MB89P928
MB89PV920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com