Electronic Components Datasheet Search
  English  ▼

X  

REF3318 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 2 Page - Texas Instruments

  REF3318 Datasheet HTML 1Page - Texas Instruments REF3318 Datasheet HTML 2Page - Texas Instruments REF3318 Datasheet HTML 3Page - Texas Instruments REF3318 Datasheet HTML 4Page - Texas Instruments REF3318 Datasheet HTML 5Page - Texas Instruments REF3318 Datasheet HTML 6Page - Texas Instruments REF3318 Datasheet HTML 7Page - Texas Instruments REF3318 Datasheet HTML 8Page - Texas Instruments REF3318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
Supply voltage
+7
V
Voltage(2)
(V–) – 0.5
(V+) + 0.5
V
Signal input terminals
Current(2)
±10
mA
Output short-circuit(3)
continuous
mA
Operating, TA
–55
+150
°C
Temperature
Storage, Tstg
–65
+150
°C
Junction, TJ
+150
°C
Human body model (HBM)
2.5
kV
Electrostatic discharge (ESD)
ratings
Charged-device model (CDM)
1
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current-limited to 10 mA or less.
(3)
Short-circuit to ground, one comparator per package.
THERMAL INFORMATION
TLV3691
THERMAL METRIC(1)
DCK (SC70)
DPF (DFN)
UNITS
5 PINS
6 PINS
θJA
Junction-to-ambient thermal resistance
297.4
252.4
θJCtop
Junction-to-case (top) thermal resistance
109.3
93.9
θJB
Junction-to-board thermal resistance
74.4
192.8
°C/W
ψJT
Junction-to-top characterization parameter
3.0
3.0
ψJB
Junction-to-board characterization parameter
73.6
203.8
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com