Electronic Components Datasheet Search
  English  ▼

X  

REF3318 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3318 Datasheet HTML 6Page - Texas Instruments REF3318 Datasheet HTML 7Page - Texas Instruments REF3318 Datasheet HTML 8Page - Texas Instruments REF3318 Datasheet HTML 9Page - Texas Instruments REF3318 Datasheet HTML 10Page - Texas Instruments REF3318 Datasheet HTML 11Page - Texas Instruments REF3318 Datasheet HTML 12Page - Texas Instruments REF3318 Datasheet HTML 13Page - Texas Instruments REF3318 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
V
+ V
(V
-
TH
OS
HYST
)
/ 2
V
+ V
TH
OS
V
+ V
+
TH
OS
(V
HYST
)
/ 2
Time (2 ms/div)
Output Voltage
Input Voltage
C030
TLV3691
SBOS694 – DECEMBER 2013
www.ti.com
APPLICATION INFORMATION
The TLV3691 comparators feature rail-to-rail inputs and outputs on supply voltages as low as 0.9 V. The push-
pull output stage is optimal for reduced power budget applications and features no shoot-through current. Low
minimum supply voltages, common-mode input range beyond supply rails, and a typical supply current of 75 nA
make the TLV3691 an excellent candidate for battery-operated and portable, handheld designs.
COMPARATOR INPUTS
The TLV3691 is a rail-to-rail input comparator, with an input common-mode range that exceeds the supply rails
by 100 mV for both positive and negative supplies. The device is designed to prevent phase inversion when the
input pins exceed the supply voltage. Figure 27 shows the device response when input voltages exceed the
supply, resulting in no phase inversion.
Figure 27. No Phase Inversion: Comparator Response to Input Voltage (Propagation Delay Included)
EXTERNAL HYSTERESIS
The device hysteresis transfer curve is shown in Figure 28. This curve is a function of three components: VTH,
VOS, and VHYST.
•
VTH is the actual set voltage or threshold trip voltage.
•
VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond in order to change output states.
•
VHYST is the internal hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise
(17 mV for the TLV3691).
Figure 28. Hysteresis Transfer Curve
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TLV3691



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com